Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF842 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF842
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF842 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF842 Datasheet HTML 1Page - Motorola, Inc MRF842 Datasheet HTML 2Page - Motorola, Inc MRF842 Datasheet HTML 3Page - Motorola, Inc MRF842 Datasheet HTML 4Page - Motorola, Inc MRF842 Datasheet HTML 5Page - Motorola, Inc MRF842 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRF842
4
MOTOROLA RF DEVICE DATA
Figure 5. Series Equivalent Input/Output Impedance
f = 800 MHz
ZOL*
Zin
870
900
836
836
0
0.5
870
f = 800 MHz
900
f
MHz
Zin
Ohms
ZOL*
Ohms
800
836
870
900
1.1 + j4.1
1.2 + j4.3
1.4 + j4.4
1.6 + j4.5
1.9 + j1.5
1.85 + j1.6
1.8 + j1.7
1.8 + j1.8
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device output operates at a
ZOL* = given output power, voltage and frequency.
Pout = 20 W, VCC = 12.5 Vdc
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com