Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF842 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF842
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF842 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF842 Datasheet HTML 1Page - Motorola, Inc MRF842 Datasheet HTML 2Page - Motorola, Inc MRF842 Datasheet HTML 3Page - Motorola, Inc MRF842 Datasheet HTML 4Page - Motorola, Inc MRF842 Datasheet HTML 5Page - Motorola, Inc MRF842 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MRF842
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 2.0 Adc, VCE = 5.0 Vdc)
hFE
10
—
—
—
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 12.5 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
45
65
pF
FUNCTIONAL TESTS
Common–Base Amplifier Power Gain
(Pout = 20 W, VCC = 12.5 Vdc, f = 870 MHz)
GPB
6.0
7.0
—
dB
Collector Efficiency
(Pout = 20 W, VCC = 12.5 Vdc, f = 870 MHz)
η
50
55
—
%
Load Mismatch Stress
(VCC = 15.5 Vdc, Pin (3) = 6.0 W, f = 870 MHz,
VSWR = 20:1, all phase angles)
—
No Degradation in Output Power
NOTE:
3. Pin = 150% of the typical input power requirement for 20 W output power @ 12.5 Vdc.
Figure 1. 870 MHz Test Circuit Schematic
B — Ferrite Bead, Ferroxcube 56–590–65–3B
C1, C11 — 51 pF, 100 Mil Chip Capacitor
C2, C13 — 15
µF, 20 WV Tantalum
C3, C12 — 1000 pF Unelco J101
C4, C10 — 91 pF Mini–Underwood
C5 — 15 pF Mini–Underwood
C6 — 12 pF Mini–Underwood
C7, C8 — 21 pF Mini–Underwood
C9 — 11 pF Mini–Underwood
L1, L4 — 11 Turns #20 AWG Over 10 ohm 1/2 W Carbon
L2, L3 — 4 Turns #20 AWG, 200 Mil ID
TL1, TL4 — Micro Strip, Zo = 50 Ω
TL2 — Micro Strip, Zo = 38 Ω, λ/4 @ 838 MHz
TL3 — Micro Strip, Zo = 24 Ω, λ/4 @ 838 MHz
Board — 0.032
″ Glass Teflon
Board — 2 oz. Cu CLAD,
εr = 2.55
C2
L4
C3
L1
L2
C12
C13
B
B
C1
C11
TL4
C9
C6
L3
C4
C10
TL3
TL2
TL1
+12.5 Vdc
VRE
PORT
C5
C7
C8
D.U.T.
+
+
SOCKET
SOCKET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com