Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6702 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF6702
Description  High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 7 Page - Analog Devices

  ADRF6702 Datasheet HTML 1Page - Analog Devices ADRF6702 Datasheet HTML 2Page - Analog Devices ADRF6702 Datasheet HTML 3Page - Analog Devices ADRF6702 Datasheet HTML 4Page - Analog Devices ADRF6702 Datasheet HTML 5Page - Analog Devices ADRF6702 Datasheet HTML 6Page - Analog Devices ADRF6702 Datasheet HTML 7Page - Analog Devices ADRF6702 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Circuit Note
CN-0243
Rev. 0 | Page 7 of 8
PC
I
Q
USB
+5V
GND
USB
USB ADAPTER
BOARD
DPG2
DIGITAL PATTERN
GENERATOR
EVAL-CN0243-EB1Z
EVALUATION BOARD
REFERENCE
FREQUENCY
GENERATOR
10MHz – 200MHz +3dBm
SPECTRUM
ANALYZER
POWER
SUPPLY
PLL REFERENCE
INPUT
RF OUTPUT
IQ DATA
DIGITAL
INTERFACE
Figure 13. Test Setup Functional Block Diagram
data rate should be equal to the DAC sample rate
(614.4 MSPS) in Figure 13 divided by the programmed
interpolation rate of the AD9122.
5. Note that as the various devices are activated and
programmed, the current will increase. At the end of this
exercise, the current should be between 1.4 A and 1.5 A,
depending on DAC sample rate.
6. Use the DPG2 software to create a waveform (single,
multi tone, or comms standard signals are available).
A digital back-off of −8 dB should be used initially to
optimize linearity of the DAC/ADRF6702 combination.
Complex signal generation should also be selected in the
DPG2 GUI. When the waveform is created, use the "load"
and "play" buttons in the GUI to load the digital pattern
into the DPG memory itself.
7. Start the ADRF6702 GUI. To begin with, the only options
in the ADRF6702 GUI which need to be selected are the
input reference frequency and LO output frequency. To
program these values, click the reference input frequency
or the LO output values in the top center of the
ADRF6702 GUI. Another window will appear which will
allow you to enter these values. Important: After entering
these values, the user must finish with a carriage return to
make sure that the values are entered into the GUI.
8. Programming the ADRF6702 is the last step in setting up
the EVAL-CN0243-EB1Z evaluation board. As an
example, if the DPG2 generates a series of tones (20 MHz
to 25 MHz with 1 MHz spacing) @ −8 dB back-off, and
the LO of the ADRF6702 is programmed to 1940 MHz,
the spectrum should look very similar to that shown in
Figure 14.
–20
–30
–40
–50
–60
–120
–110
–100
–90
–80
–70
CENTER 1.94GHz
10MHz/DIV
SPAN 100MHz
REF –20dBm
ATT 10dBm
RBW 10kHz
VBW 30kHz
SWT 15ms
MARKER 1 [T1]
–104.90dB
1.89005GHz
Figure 14. Spectrum of Complex Multitone Signal at LO Frequency of
1940 MHz at ADRF6702 RF Output, Desired Sideband Offset: +20 MHz,
Undesired Sideband Offset: −20 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com