Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6702 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6702
Description  High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6702 Datasheet HTML 1Page - Analog Devices ADRF6702 Datasheet HTML 2Page - Analog Devices ADRF6702 Datasheet HTML 3Page - Analog Devices ADRF6702 Datasheet HTML 4Page - Analog Devices ADRF6702 Datasheet HTML 5Page - Analog Devices ADRF6702 Datasheet HTML 6Page - Analog Devices ADRF6702 Datasheet HTML 7Page - Analog Devices ADRF6702 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Circuit Note
CN-0243
Circuits from the Lab™ reference circuits are
engineered and testedfor quickandeasy
system integrationtohelpsolvetoday’sanalog,
mixed-signal, and RF design challenges.
For more informationand/or support,visit
www.analog.com/CN0243.
Devices Connected/Referenced
ADRF6702
1200 MHz to 2400 MHz Quadrature
Modulator with1550 MHz to 2150 MHz
Fractional-N PLL and Integrated VCO
AD9122
Dual, 16-Bit, 1230 MSPS, TxDAC®
AD9516-0/AD9516-1/
AD9516-2/AD9516-3/
AD9516-4
Clock Generator with Integrated VCO
with Various Frequency Range Options
from 1.45 GHz to 2.95 GHz
High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency
Reference for DAC Sample Clock and IQ Modulator LO Generation
Rev.0
CircuitsfromtheLab™circuitsfromAnalogDeviceshavebeendesignedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0243 Circuit Evaluation Board (EVAL-CN0243-EB1Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The combination of the ADRF6702 IQ modulator and the
AD9122 16-bit dual 1.2 GSPS TxDAC has the dynamic range
necessary for a modern high level QAM or OFDM based
wireless transmitter as shown in Figure 1. The dynamic range
EXTERNAL
FREQUENCY
REFERENCE
INPUT
DUAL MODULUS PLL
WITH ON CHIP VCO
EXTERNAL LOOP
FILTER
EXTERNAL LOOP
FILTER
AD9516
AD9122
ADRF6702
PLL REFERENCE
INPUT
PROGRAMMABLE DIVIDER
PROGRAMMABLE DIVIDER
OPTIONAL
EXTERNAL
2 × LO (I/O)
INTERNALLY
GENERATED
2 × LO
ADRF6702
RF OUTPUT
AD9122 DAC
SAMPLE CLOCK
IDAC
I CHANNEL PASSIVE INTERFACE FILTER
QDAC
Q CHANNEL PASSIVE INTERFACE FILTER
16-BIT
DATA BUS
(I)
16-BIT
DATA BUS
(Q)
32-BIT NCO
2×/4×/8×
INTERPOLATION
FILTERS
2×/4×/8×
INTERPOLATION
FILTERS
INTERNAL LO
SYNTHESIZER/PLL
INTERNAL
VCO
÷2
MODULATOR
CORE
PLL CORE (PFD, CHARGE
PUMP, DIVIDER)
Figure 1. AD9122, ADRF6702, and AD9516 Used in a High Dynamic Range Transmitter


Similar Part No. - ADRF6702

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6702 AD-ADRF6702 Datasheet
1Mb / 36P
1200 MHz to 2400 MHz Quadrature Modulator with 1550 MHz to 2150 MHz Frac-N PLL
REV. 0
ADRF6702 AD-ADRF6702 Datasheet
1Mb / 36P
1550 MHz to 2650 MHz Quadrature Modulator with 2100 MHz to 2600 MHz Frac-N PLL
REV. 0
ADRF6702 AD-ADRF6702 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6702 AD-ADRF6702 Datasheet
1Mb / 36P
2050 MHz to 3000 MHz Quadrature Modulator
REV. 0
ADRF6702 AD-ADRF6702 Datasheet
1Mb / 36P
1200 MHz to 2400 MHz Quadrature Modulator
REV. B
More results

Similar Description - ADRF6702

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1201 BURR-BROWN-ADS1201 Datasheet
143Kb / 13P
High Dynamic Range DELTA-SIGMA MODULATOR
logo
Texas Instruments
ADS1201 TI1-ADS1201 Datasheet
332Kb / 17P
High Dynamic Range DELTA-SIGMA MODULATOR
logo
Analog Devices
CN-0144 AD-CN-0144 Datasheet
238Kb / 4P
Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
CN-0311 AD-CN-0311 Datasheet
155Kb / 4P
Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
logo
ON Semiconductor
AP0202AT ONSEMI-AP0202AT Datasheet
1Mb / 54P
High-Dynamic Range Image Signal Processor
Rev. 4, 9/15 EN
logo
Analog Devices
ADRF6820 AD-ADRF6820 Datasheet
1Mb / 45P
Internal LO frequency range
Rev. C
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_97 Datasheet
302Kb / 20P
High Dynamic Range for AM and FM
logo
Adlink Technology Inc.
PCI-9527 ADLINK-PCI-9527 Datasheet
222Kb / 2P
24-Bit High-Resolution Dynamic Signal Acquisition and Generation Modules
logo
Maxim Integrated Produc...
MAX11300PMB1 MAXIM-MAX11300PMB1 Datasheet
14Mb / 9P
Internal or External Reference for ADC and DAC
Rev 2; 6/14
MAXFILTERBRD MAXIM-MAXFILTERBRD Datasheet
718Kb / 5P
CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com