Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4351 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4351
Description  Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL Fanout Buffers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 1 Page - Analog Devices

  ADF4351 Datasheet HTML 1Page - Analog Devices ADF4351 Datasheet HTML 2Page - Analog Devices ADF4351 Datasheet HTML 3Page - Analog Devices ADF4351 Datasheet HTML 4Page - Analog Devices ADF4351 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0294
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport,visitwww.analog.com/CN0294.
Devices Connected/Referenced
ADF4351
Fractional-N PLL Synthesizer with
Integrated VCO
ADCLK948
Clock Fanout Buffer with 8 LVPECL
Outputs
Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL
Fanout Buffers
Rev. 0
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
ADF4351 Evaluation Board (EVAL-ADF4351EB1Z)
ADCLK948 Evaluation Board (ADCLK948/PCBZ)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
Many systems require low jitter multiple system clocks for mixed
signal processing and timing. The circuit shown in Figure 1
interfaces the ADF4351 integrated phase-locked loop (PLL)
and voltage-controlled oscillator (VCO) to the ADCLK948,
which provides up to eight differential, low voltage, positive
emitter coupled logic (LVPECL) outputs from one differential
output of the ADF4351.
22nF
10nF
330nF
180
Ω
82
Ω
ADF4351
VVCO
VVCO
VDD
3.3V
CPGND
AGND
DGND
RFOUTB–
RFOUTB+
CPOUT
1nF
1nF
4.7k
Ω
RSET
LE
DATA
CLK
REFIN
FREFIN
VTUNE
DVDD AVDD CE
10
28
16
29
1
2
3
22
8
31
9
11
18
21
27
51
Ω
AGNDVCO
14
15
17
20
7
PDBRF
26
SDGND
6
32
SDVDD
VP
5
SW
4
RFOUTA–
RFOUTA+
13
12
VVCO
ZBIAS
ZBIAS
1µF
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
VT0
VREF0
VREF1
IN_SEL
CLK0
CLK0
VT1
CLK1
CLK1
LVPECL
ADCLK948
REFERENCE
REFERENCE
3.3V
3.3V
100
Ω
100
Ω
100
Ω 100Ω
1nF
1nF
3.3V
Figure 1. ADF4351 PLL Connected to ADCLK948 Fanout Buffer (Simplified Schematic: All Connections and Decoupling Not Shown)


Similar Part No. - ADF4351

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4351 AD-ADF4351 Datasheet
592Kb / 28P
Wideband Synthesizer
REV. 0
ADF4351 AD-ADF4351 Datasheet
471Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADF4351 AD-ADF4351 Datasheet
1Mb / 20P
Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
REV. 0
ADF4351 AD-ADF4351 Datasheet
248Kb / 8P
Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADF4351 AD-ADF4351 Datasheet
155Kb / 4P
Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
More results

Similar Description - ADF4351

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946 AD-ADCLK946 Datasheet
476Kb / 12P
Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
AD9525 AD-AD9525 Datasheet
1Mb / 48P
Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
logo
STMicroelectronics
AN4655 STMICROELECTRONICS-AN4655 Datasheet
344Kb / 21P
Virtually increasing the number of serial communication peripherals in STM32 applications
05-Mar-2015
logo
Analog Devices
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
Low Jitter Clock Generator with Eight LVPECL Outputs
REV. A
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
Low Jitter LVPECL Clock Oscillator
logo
Analog Devices
ADCLK946 AD-ADCLK946_17 Datasheet
335Kb / 12P
Six LVPECL Outputs, SiGe Clock Fanout Buffer
8/2017-Rev. A to Rev. B
logo
Skyworks Solutions Inc.
SI53340 SKYWORKS-SI53340 Datasheet
2Mb / 38P
Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
SI5332X SKYWORKS-SI5332X Datasheet
2Mb / 50P
Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
SI5334X SKYWORKS-SI5334X Datasheet
2Mb / 38P
Low-Jitter LVDS Fanout Clock Buffers with up to 10 LVDS Outputs from Any-Format Input and Wide Frequency Range from dc up to 1250 MHz
Rev. 1.2
SI5336X SKYWORKS-SI5336X Datasheet
1Mb / 35P
Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com