Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT800 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT800 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
1
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
Future Technology Devices
International Ltd.
FT800
(Embedded Video Engine)
The FT800 is an easy to use graphic
controller targeted for embedded
applications to generate high-quality
Human Machine Interfaces (HMIs) .
It has the following features:
FT800
functionality
includes
graphic
controller, audio processing, and resistive
touch controller.
Embedded Video Engine (EVE) with widget
support can offload the system MPU and
provide a variety of graphic features
Built-in graphics operations allow users with
little expertise to create high-quality display
Integrated
with
4-wire
touch-screen
controller incorporating median filtering and
touch force sensing. Hardware engine can
recognize touch tags and track touch
movement. It provides notification for up to
255 touch tags.
Standard serial interface to host MPU/MCU
with SPI up to 30MHz or I²C clocking up to
3.4MHz
Programmable interrupt controller provides
interrupts to host MPU/MCU
Built-in 12MHz crystal oscillator with PLL
providing 48MHz or 36MHz system clock
Video RGB parallel output (default RGB data
width of 6-6-6)
with 2 bit dithering;
configurable to support resolution up to
512x512 and LCD R/G/B data width of 1 to
6
Programmable timing to adjust HSYNC and
VSYNC
timing,
enabling
interface
to
numerous displays
Support
for
LCD
display
in
WQVGA
(480x272) and QVGA (320x240) formats
with data enable (DE) support mode and
VSYNC/HSYNC mode
The FT800 calculates for 8-bit colour despite
only providing pins for 6-bit (RGB-6,6,6);
this improves the half tone appearance
Display enable control output to LCD panel
Mono audio channel output with PWM output
Built-in sound synthesizer
Audio wave playback for mono 8-bit linear
PCM, 4-bit ADPCM and µ-Law coding format
at sampling frequency from 8kHz to 48kHz.
Built-in digital filter reduces the system
design complexity of external filtering
PWM output for backlight dimming control
for LED
Low
power
consumption
for
portable
application, 24mA active (typical) and 250
uA sleep (typical)
No frame buffer RAM required
Advanced
object
oriented
architecture
enables low cost MPU/MCU as system host
using I2C and SPI interfaces
Power mode control allows chip to be put in
power down, sleep and standby states
Supports host interface I/O voltage from
1.8V to 3.3V
Internal voltage regulator supplies 1.2V to
the digital core
-40°C
to
85°C
extended
operating
temperature range
Available in a compact Pb-free, VQFN-48,
7mm X 7mm X 0.9mm package, RoHS
compliant


Similar Part No. - FT800

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FT800DL POWEREX-FT800DL Datasheet
174Kb / 4P
Phase Control SCR 800 Amperes Avg 200-1200 Volts
FT800DL-10 POWEREX-FT800DL-10 Datasheet
174Kb / 4P
Phase Control SCR 800 Amperes Avg 200-1200 Volts
FT800DL-12 POWEREX-FT800DL-12 Datasheet
174Kb / 4P
Phase Control SCR 800 Amperes Avg 200-1200 Volts
FT800DL-16 POWEREX-FT800DL-16 Datasheet
174Kb / 4P
Phase Control SCR 800 Amperes Avg 200-1200 Volts
FT800DL-20 POWEREX-FT800DL-20 Datasheet
174Kb / 4P
Phase Control SCR 800 Amperes Avg 200-1200 Volts
More results

Similar Description - FT800

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VM800C FTDI-VM800C Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
Embedded Video Engine
logo
List of Unclassifed Man...
FT81X ETC-FT81X Datasheet
1Mb / 63P
FT81X Embedded Video Engine Datasheet
Version 1.4
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
Embedded Video Engine
Version 1.0
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
Advanced Embedded Video Engine Datasheet
Version 1.1
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
Embedded Video Engine
Version 1.4
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
Embedded Video Engine
Version 1.3
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
Advanced Embedded Video Engine
Version 1.4
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
Embedded Video Engine Plus module
Version 1.2
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com