Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT801 Datasheet (PDF) - Bridgetek Pte Ltd.

FT801 Datasheet PDF - Bridgetek Pte Ltd.
Part # FT801
Download  FT801 Download
File Size   1719.94 Kbytes
Page   44 Pages
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.
Description Embedded Video Engine

FT801 Datasheet (PDF)

Go To PDF Page Download Datasheet
FT801 Datasheet PDF - Bridgetek Pte Ltd.

Part # FT801
Download  FT801 Click to download

File Size   1719.94 Kbytes
Page   44 Pages
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.
Description Embedded Video Engine

FT801 Datasheet (HTML) - Bridgetek Pte Ltd.


FT801 Product details

 FT801 functionality includes graphic controller, audio processing, and capacitive touch controller interface.
 Compatibility mode allows display code to be run on FT801 or FT800. Extended mode enables multi-touch capabilities for FT801.
 Embedded Video Engine (EVE) with widget support can offload the system MPU and provide a variety of graphic features
 Built-in graphics operations allow users with little expertise to create high-quality display
 Support capacitive touch screen with up to 5 touches detection
 Hardware engine can recognize touch tags and track touch movement. It provides notification for up to 255 touch tags.
 Enhanced sketch processing
 Programmable interrupt controller provides interrupts to host MPU/MCU
 Built-in 12MHz crystal oscillator with PLL providing 48MHz or 36MHz system clock
 Clock switch command for internal or external clock source. External 12MHz crystal or clock input can be used for higher accuracy.
 Video RGB parallel output (default RGB data width of 6-6-6) with 2 bit dithering; configurable to support resolution up to 512x512 and R/G/B data width of 1 to 6
 Programmable timing to adjust HSYNC and VSYNC timing, enabling interface to numerous displays
 Support for LCD display in WQVGA (480x272) and QVGA (320x240) formats with data enable (DE) support mode and VSYNC/HSYNC mode
 The FT801 calculates for 8-bit colour despite only providing pins for 6-bit (RGB-6,6,6); this improves the half tone appearance
 Display enable control output to LCD panel
 Mono audio channel output with PWM output
 Built-in sound synthesizer
 Audio wave playback for mono 8-bit linear PCM, 4-bit ADPCM and μ-Law coding format at sampling frequency from 8 kHz to 48 kHz. Built-in digital filter reduces the system design complexity of external filtering
 PWM output for backlight dimming control for LED
 Low power consumption for portable application, 24mA active (typical) and 250 uA sleep (typical)
 No frame buffer RAM required
 Advanced object oriented architecture enables low cost MPU/MCU as system host using I2C and SPI interfaces
 Power mode control allows chip to be put in power down, sleep and standby states
 Supports host interface I/O voltage from 1.8V to 3.3V
 Standard serial interface to host MPU/MCU with SPI up to 30MHz or I²C clocking up to 3.4MHz
 Internal voltage regulator supplies 1.2V to the digital core
 -40°C to 85°C extended operating temperature range
 Available in a compact Pb-free, VQFN-48, 7mm X 7mm X 0.9mm package, RoHS compliant




Similar Part No. - FT801

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT801 FTDI-FT801 Datasheet
1Mb / 57P
The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT8010MPX FAIRCHILD-FT8010MPX Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010MPX ONSEMI-FT8010MPX Datasheet
681Kb / 15P
Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results


Similar Description - FT801

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
Embedded Video Engine
VM800C FTDI-VM800C Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
Embedded Video Engine
logo
List of Unclassifed Man...
FT81X ETC-FT81X Datasheet
1Mb / 63P
FT81X Embedded Video Engine Datasheet
Version 1.4
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
Embedded Video Engine
Version 1.0
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
Advanced Embedded Video Engine Datasheet
Version 1.1
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
Embedded Video Engine
Version 1.4
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
Advanced Embedded Video Engine
Version 1.4
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
Embedded Video Engine Plus module
Version 1.2
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com