Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF61 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF61
Description  Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF61 Datasheet(HTML) 1 Page - Hirose Electric

  DF61 Datasheet HTML 1Page - Hirose Electric DF61 Datasheet HTML 2Page - Hirose Electric DF61 Datasheet HTML 3Page - Hirose Electric DF61 Datasheet HTML 4Page - Hirose Electric DF61 Datasheet HTML 5Page - Hirose Electric DF61 Datasheet HTML 6Page - Hirose Electric DF61 Datasheet HTML 7Page - Hirose Electric DF61 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF61 Series
2013.4
②
■
Features
1.Reinforced Swing Lock Structure
Our unique swing-lock structure cradles the wire side plug
and resists the plug from becoming disengaged due to
handling strain or loads.
2.Header Lock Improves Plug Retention
During mating, the header lock engages with the plug
assembly. The lock is reinforced with metal which adds
strength to the lock and increases the retention between the
header and the plug.
3.Compact Size- High Voltage
The compact 2.2 mm pitch connector has a voltage rating of
350V due to the long creep distance.
4.Solder Wicking Prevention
Header is molded in one piece. This ensures a tight fit
between the contact and the header and prevents solder
wicking.
5.High Current of MAX 5 Amps (AWG22)
A highly conductive material is used for the contacts. The
material provides for a high current flow by reducing the
contact resistance.
■
Applications
Digital cameras, digital video cameras, LED lights, laptop
computers, tablet computers, portable devices, power
supply equipment, etc.
Isolated Male Contacts
2.2mm
An integrated wall
between the contacts
maximizes the creepage
distance for higher voltage
capabilities.
Swing-Lock Structure Illustration
Maximum Creep Distance
The protrusion on the bottom side of the socket fits into a
corresponding recess on the header. This aligns the socket into
the correct mating position.
Recess
Header
Socket
Header lock
Protrusion
Before Mating
Reinforced with Metal
The metal fitting is partly molded
in the header’s housing lock.
Tensile strength of the cable:
10N or greater
The Header pushes down
the protrusion of the socket
and locks it in place.
Header Lock
Metal
After Mating


Similar Part No. - DF61

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
LED Backlight Driver
DF6115 ETC-DF6115 Datasheet
838Kb / 5P
Backlight LED driver chip DF6115
logo
Hirose Electric
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF61Y-2P-2.2V HIROSE-DF61Y-2P-2.2V Datasheet
559Kb / 8P
Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF61Y-2S-2.2C(13) HIROSE-DF61Y-2S-2.2C(13) Datasheet
559Kb / 8P
Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
More results

Similar Description - DF61

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF57 HIROSE-DF57 Datasheet
925Kb / 8P
Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
1mm Pitch, Board to Wire Lock Connector
DF57 HIROSE-DF57_17 Datasheet
308Kb / 8P
Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
logo
Molex Electronics Ltd.
5054330881 MOLEX1-5054330881 Datasheet
38Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5054331071 MOLEX1-5054331071 Datasheet
38Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5054480871 MOLEX1-5054480871 Datasheet
39Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5055671671 MOLEX1-5055671671 Datasheet
37Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com