Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF61 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF61
Description  Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF61 Datasheet(HTML) 2 Page - Hirose Electric

  DF61 Datasheet HTML 1Page - Hirose Electric DF61 Datasheet HTML 2Page - Hirose Electric DF61 Datasheet HTML 3Page - Hirose Electric DF61 Datasheet HTML 4Page - Hirose Electric DF61 Datasheet HTML 5Page - Hirose Electric DF61 Datasheet HTML 6Page - Hirose Electric DF61 Datasheet HTML 7Page - Hirose Electric DF61 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
DF61 Series●Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
■
Product Specifications
Ratings
Current rating
3.2A (with AWG26)
4A (with AWG24)
5A (with AWG22)
Operating Temperature Range
Operating Humidity Range
-35~85ç
(Note 1)
20~80%
Voltage rating
AC/DC 350V
Storage Temperature Range
Storage Humidity Range
-10~60ç
(Note 2)
40~70%
(Note 2)
Items
Specifications
Conditions
1.Insulation resistance
1000Mø or greater
Measured at DC 500V
2.Withstanding voltage
No flashover or breakdown
AC1700V applied for one minute
3.Contact resistance
10mø or less
Measured at 20mV or less, 1mA
4.Vibration resistance
No electric outage of 1μs or more
Frequency 10-55Hz, half amplitude 0.75 mm, 10 cycles for
each of 3 directions
5.Shock resistance
No electric outage of 1μs or more
Acceleration 490 m/s
2, 11ms; half sin wave: 3 each for 3
directions
6.Humidity resistance
Contact resistance 20mø or less, insulation
resistance 500Mø or greater
Temperature 40 ± 2ç, humidity 90-95%, left for 96 hours
7.Temperature cycle
Contact resistance 20mø or less insulation
resistance 500Mø or greater
5 cycles (-55ç: 30 minutes ➝ 5-35ç: 2-3 minutes ➝ 85ç: 30
minutes ➝ 5-35ç: 2-3 minutes)
8.Insertion/extraction life
Contact resistance20mø or less
Insertion/extraction: 30 times
9.Solder heat resistance
No melting of resin part affecting performance
Reflow: Per recommended temperature profile
Hand solder: Manual soldering iron 350±10ç for 3 seconds
(Note 1) Includes temperature elevation by conduction.
(Note 2) The term “storage” refers to the long-term storage conditions of unused connectors before PCB mounting. The operating
temperature range applies to connectors in non-conduction state after PCB mounting or those in temporary storage during
transportation, etc.
(Note 3) The above specifications are representative for this series. Please refer to “delivery specifications” for official individual agreement.
■
Materials
Product
Part
Material
Treatment
Specification
Header
Insulator
LCP resin
Red
UL94V-0
Contact
Brass
Tin plated
–––
Crimp Socket
Insulator
PBT
Red
UL94V-0
Crimp contact
Contact
Copper Alloy
Tin plated
–––



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com