Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC206N Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIC206N
Description  SILICON BIDIRECTIONAL TRIODE THYRISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC206N Datasheet(HTML) 2 Page - Comset Semiconductor

  TIC206N Datasheet HTML 1Page - Comset Semiconductor TIC206N Datasheet HTML 2Page - Comset Semiconductor TIC206N Datasheet HTML 3Page - Comset Semiconductor TIC206N Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIC206A, TIC206B, TIC206D, TIC206M, TIC206N, TIC206S
30/10/2012
COMSET SEMICONDUCTORS
2 | 4
SEMICONDUCTORS
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
R∂JC
Junction to case thermal resistance
≤ 7.8
°C/W
R∂JA
Junction to free air thermal resistance
≤ 62.5
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ Max Unit
IDRM
Repetitive peak
off-state current
VD = Rated VDRM, , IG = 0
TC = 110°C
-
-
±1
mA
IGT
Gate trigger current
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
0.5
5
mA
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-1.5
-5
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-2
-5
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
3.6
10
VGT
Gate trigger voltage
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
0.7
2
V
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-0.7
-2
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-0.8
-2
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
0.8
2
IH
Holding current
Vsupply = +12 V†, IG = 0
initiating ITM = 100 mA
-
2
15
mA
Vsupply = -12 V†, IG = 0
initiating ITM = -100 mA
-
-4
-15
IL
Latching current
Vsupply = +12 V† (seeNote7)
-
-
30
mA
Vsupply = -12 V† (seeNote7)
-
-
-30
VTM
Peak on-state
voltage
ITM = ± 4.2 A, IG = 50 mA (see Note6)
-
±1.3
±2.2
V
dv/dt
Critical rate of rise of
off-state voltage
VDRM = Rated VDRM, IG = 0
TC = 110°C
-
±50
-
V/µs
dv/dt©
Critical rise of
communication
voltage
VDRM = Rated VDRM, ITRM = ± 4.2A
TC = 85°C
±1
±1.3
±2.5
† All voltages are whit respect to Main Terminal 1.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com