Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC206N Datasheet(PDF) 3 Page - Comset Semiconductor

Part # TIC206N
Description  SILICON BIDIRECTIONAL TRIODE THYRISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC206N Datasheet(HTML) 3 Page - Comset Semiconductor

  TIC206N Datasheet HTML 1Page - Comset Semiconductor TIC206N Datasheet HTML 2Page - Comset Semiconductor TIC206N Datasheet HTML 3Page - Comset Semiconductor TIC206N Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIC206A, TIC206B, TIC206D, TIC206M, TIC206N, TIC206S
30/10/2012
COMSET SEMICONDUCTORS
3 | 4
SEMICONDUCTORS
Notes:
1. These values apply bidirectionally for any value of resistance between the gate and Main
Terminal 1.
2. This value applies for 50-Hz full-sine-wave operation with resistive load. Above 85°C
derate linearly to 110°C case temperature at the rate of 160 mA/°C.
3. This value applies for one 50-Hz full-sine-wave when the device is operating at (or below)
the rated value of on-state current. Surge may be repeated after the device has returned
to original thermal equilibrium. During the surge, gate control may be lost.
4. This value applies for one 50-Hz half-sine-wave when the device is operating at (or below)
the rated value of on-state current. Surge may be repeated after the device has returned
to original thermal equilibrium. During the surge, gate control may be lost.
5. This value applies for a maximum averaging time of 20 ms.
6. This parameters must be measured using pulse techniques, tW = ≤1µs, duty cycle ≤ 2 %,
voltage-sensing
contacts, separate from the courrent-carrying contacts are located
within 3.2mm (1/8 inch) from de device body.
7. The triacs are triggered by a 15-V (open circuit amplitude) pulse supplied by a generator
with the following characteristics : RG = 100Ω, tp(g) = 20 µs, tr = ≤ 15ns, f = 1 kHz.
MECHANICAL DATA CASE TO-220



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com