Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5166YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5166YML
Description  3A High-Speed Low VIN DDR Terminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5166YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5166YML Datasheet HTML 1Page - Micrel Semiconductor MIC5166YML Datasheet HTML 2Page - Micrel Semiconductor MIC5166YML Datasheet HTML 3Page - Micrel Semiconductor MIC5166YML Datasheet HTML 4Page - Micrel Semiconductor MIC5166YML Datasheet HTML 5Page - Micrel Semiconductor MIC5166YML Datasheet HTML 6Page - Micrel Semiconductor MIC5166YML Datasheet HTML 7Page - Micrel Semiconductor MIC5166YML Datasheet HTML 8Page - Micrel Semiconductor MIC5166YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Micrel, Inc.
MIC5166
June 2012
2
M9999-060612-A
Ordering Information
Part Number
Output Voltage
Junction Temperature Range
(1)
Package
Lead Finish
MIC5166YML
½VDDQ
–40
°C to +125°C
10-Pin 3mm
× 3mm MLF®
Pb-Free
Note:
1.
MLF
® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free..
Pin Configuration
10-Pin 3mm
× 3mm MLF® (ML)
Pin Description
Pin Number
Pin Name
Description
1
VREF
Reference Voltage. This output provides an output of the internal reference voltage VDDQ/2. The VREF
output is used to provide the reference voltage for the memory chip. Connect a 1.0µF capacitor to
ground at this pin. This pin can sink and source 10mA.
2
BIAS
BIAS Supply Voltage. The BIAS supply is the power MOSFET gate drive supply voltage and the
supply bus for the IC. The BIAS voltage must be greater than (VTT + 2.2V). A 1.0µF ceramic capacitor
from the BIAS pin to PGND
must be placed next to the IC.
3
AGND
Analog Ground. Internal signal ground for all low-power circuits.
4
VDDQ
Input Supply. VDDQ is connected to an internal precision divider which provides the VREF. Connect a
4.7µF capacitor to ground at this pin.
5
PG
Power Good. This is an open drain output that indicates when the output voltage is within ±10% of the
reference voltage. The PG flag is asserted typically with 65µs delay when the enable is set low or
when the output goes outside ±10% the window threshold.
6
SNS
Feedback. Input to the error amplifier.
7
EN
Enable. Logic level control of the output. Logic HIGH enables the MIC5166 and a logic LOW shuts
down the MIC5166. In the off state, supply current of the device is greatly reduced (typically 0.2µA).
The EN pin should not be left open.
8
PGND
Power Ground. Internal ground connection to the source of the internal, low-side drive, N-channel
MOSFET.
9
VTT
Power Output. This is the connection to the source of the internal high-side N-channel MOSFET and
drain of the low-side N-channel MOSFET. This is a high-frequency, high-power connection, therefore
two 10µF output capacitors must be placed as close to the IC as possible.
10
VIN
High-Side N-Channel MOSFET Drain Connection. The VIN operating voltage range is from 0.9V to
3.6V. An input capacitor between the VIN pin and the PGND is required as close to the chip as
possible.
EP
ePad
Exposed Pad. Must be connected to a GND plane for best thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com