Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5166YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5166YML
Description  3A High-Speed Low VIN DDR Terminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5166YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5166YML Datasheet HTML 1Page - Micrel Semiconductor MIC5166YML Datasheet HTML 2Page - Micrel Semiconductor MIC5166YML Datasheet HTML 3Page - Micrel Semiconductor MIC5166YML Datasheet HTML 4Page - Micrel Semiconductor MIC5166YML Datasheet HTML 5Page - Micrel Semiconductor MIC5166YML Datasheet HTML 6Page - Micrel Semiconductor MIC5166YML Datasheet HTML 7Page - Micrel Semiconductor MIC5166YML Datasheet HTML 8Page - Micrel Semiconductor MIC5166YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Micrel, Inc.
MIC5166
June 2012
4
M9999-060612-A
Electrical Characteristics(6) (Continued)
VIN = 1.5V, VBIAS = 3.3V, VDDQ = 1.5V, TA = 25°C, unless noted. Bold values indicate –40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
VREF Output
VREF Voltage Accuracy
Variation from (VDDQ/2), IREF = -10mA to 10mA
−1
1
%
Bias Supply Dropout Voltage
Dropout Voltage (VBIAS – VTT)
IOUT = 100mA
1.15
V
Dropout Voltage (VBIAS – VTT)
IOUT = 500mA
1.25
V
Dropout Voltage (VBIAS – VTT)
IOUT = 3.0A
1.65
2.2
V
Enable Control
EN Logic High Level
Logic High
1.2
V
EN Logic Low Level
Logic Low
0.2
V
VEN = 0.2V
1.0
EN Current
VEN = 1.2V
6.0
µA
Start-Up Time
From EN pin going high to VTT 90% of VREF
55
µs
Short-Current Protection
Sourcing Current Limit
VIN = 2.7V, VTT = 0V
3.1
4.9
7.8
A
Sinking Current Limit
VIN = 2.7V, VTT = VIN
−3.1
−4.9
−7.8
A
Internal FETs
Top-MOSFET RDS(ON)
Source, IOUT = 3A (VTT to PGND)
130
190
mΩ
Bottom-MOSFET RDS(ON)
Sink, IOUT = -3A (VIN to VTT)
130
190
mΩ
Power Good (PG)
PG Window
Threshold % of VTT from VREF
≥90
≤110
%
Hysteresis
2
%
PG Output Low Voltage
IPG = 4mA (sinking)
430
mV
PG Leakage Current
VPG = 5.5V, VSNS = VREF
1.0
μA
Thermal Protection
Over-Temperature Shutdown
TJ Rising
150
°C
Over-Temperature Shutdown
Hysteresis
10
°C
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
3.
The device is not guaranteed to function outside its operating rating.
4.
If VBIAS ≤ 3.6V, then VIN(MAX) = VBIAS.
5.
If VBIAS ≤ 4V, then VDDQ(MAX) = 2 × (VBIAS − 2.2V). If VBIAS > 4V, then VDDQ(MAX) = 3.6V.
6.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com