Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGR32N60C Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGR32N60C
Description  HiPerFASTTM IGBT Lightspeed Series ISOPLUS247TM package(Electrically Isolated Back Side)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR32N60C Datasheet(HTML) 2 Page - IXYS Corporation

  IXGR32N60C Datasheet HTML 1Page - IXYS Corporation IXGR32N60C Datasheet HTML 2Page - IXYS Corporation IXGR32N60C Datasheet HTML 3Page - IXYS Corporation IXGR32N60C Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
=
I
T; VCE = 10 V,
25
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
2700
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
190
pF
C
res
50
pF
Q
g
110
nC
Q
ge
I
C = I
T, VGE = 15 V, VCE = 0.5 VCES
22
nC
Q
gc
40
nC
t
d(on)
25
ns
t
ri
20
ns
t
d(off)
85
170
ns
t
fi
55
ns
E
off
0.32
0.75 mJ
t
d(on)
25
ns
t
ri
25
ns
E
on
0.30
mJ
t
d(off)
110
ns
t
fi
105
ns
E
off
0.85
mJ
R
thJC
0.90 K/W
R
thCK
0.15
K/W
Inductive load, T
J = 25°
°°°°C
I
C = I
T, VGE = 15 V, L = 100 µH,
V
CE = 0.8 VCES, RG = Roff = 4.7 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
Inductive load, T
J = 150°
°°°°C
I
C = I
T, VGE = 15 V, L = 100 µH
V
CE = 0.8 VCES, RG = Roff = 4.7 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
IXGR 32N60C
Note 1:
I
T = 32A
ISOPLUS 247 OUTLINE
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190 .205
A
1
2.29
2.54
.090 .100
A
2
1.91
2.16
.075 .085
b
1.14
1.40
.045 .055
b
1
1.91
2.13
.075 .084
b
2
2.92
3.12
.115 .123
C
0.61
0.80
.024 .031
D
20.80
21.34
.819 .840
E
15.75
16.13
.620 .635
e
5.45 BSC
.215 BSC
L
19.81
20.32
.780 .800
L1
3.81
4.32
.150 .170
Q
5.59
6.20
.220 .244
R
4.32
4.83
.170 .190
1 Gate, 2 Drain (Collector)
3 Source (Emitter)
4 no connection
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com