Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS0332 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0332
Description  TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS570LS0332 Datasheet HTML 29Page - Texas Instruments TMS570LS0332 Datasheet HTML 30Page - Texas Instruments TMS570LS0332 Datasheet HTML 31Page - Texas Instruments TMS570LS0332 Datasheet HTML 32Page - Texas Instruments TMS570LS0332 Datasheet HTML 33Page - Texas Instruments TMS570LS0332 Datasheet HTML 34Page - Texas Instruments TMS570LS0332 Datasheet HTML 35Page - Texas Instruments TMS570LS0332 Datasheet HTML 36Page - Texas Instruments TMS570LS0332 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 101 page
background image
/NR
/1 to /64
OSCIN
PLL
INTCLK
/OD
/1 to /8
VCOCLK
/R
/1 to /32
post_ODCLK
/NF
/1 to /256
PLLCLK
fPLLCLK = (fOSCIN / NR) * NF / (OD * R)
TMS570LS0432
TMS570LS0332
www.ti.com
SPNS186 – OCTOBER 2012
4.5.1.3
Phase Locked Loop (PLL) Clock Modules
The PLL is used to multiply the input frequency to some higher frequency.
The main features of the PLL are:
•
Frequency modulation can be optionally superimposed on the synthesized frequency of PLL.
•
Configurable frequency multipliers and dividers.
•
Built-in PLL Slip monitoring circuit.
•
Option to reset the device on a PLL slip detection.
4.5.1.3.1 Block Diagram
Figure below shows a high-level block diagram of the PLL macro on this microcontroller.
Figure 4-6. PLL Block Diagram
4.5.2
Clock Domains
4.5.2.1
Clock Domain Descriptions
The table below lists the device clock domains and their default clock sources. The table also shows the
system module control register that is used to select an available clock source for each clock domain.
Table 4-11. Clock Domain Descriptions
Clock Domain Name
Default Clock
Clock Source
Description
Source
Selection Register
HCLK
OSCIN
GHVSRC
•
Is disabled via the CDDISx registers bit 1
GCLK
OSCIN
GHVSRC
•
Always the same frequency as HCLK
•
In phase with HCLK
•
Is disabled separately from HCLK via the CDDISx registers bit 0
•
Can be divided by 1 up to 8 when running CPU self-test
(LBIST) using the CLKDIV field of the STCCLKDIV register at
address 0xFFFFE108
GCLK2
OSCIN
GHVSRC
•
Always the same frequency as GCLK
•
2 cycles delayed from GCLK
•
Is disabled along with GCLK
•
Gets divided by the same divider setting as that for GCLK when
running CPU self-test (LBIST)
VCLK
OSCIN
GHVSRC
•
Divided down from HCLK
•
Can be HCLK/1, HCLK/2, ... or HCLK/16
•
Is disabled separately from HCLK via the CDDISx registers bit 2
•
Can be disabled separately for eQEP using CDDISx registers
bit 9
VCLK2
OSCIN
GHVSRC
•
Divided down from HCLK
•
Can be HCLK/1, HCLK/2, ... or HCLK/16
•
Frequency must be an integer multiple of VCLK frequency
•
Is disabled separately from HCLK via the CDDISx registers bit 3
Copyright © 2012, Texas Instruments Incorporated
System Information and Electrical Specifications
33
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com