Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS0332 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0332
Description  TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS570LS0332 Datasheet HTML 9Page - Texas Instruments TMS570LS0332 Datasheet HTML 10Page - Texas Instruments TMS570LS0332 Datasheet HTML 11Page - Texas Instruments TMS570LS0332 Datasheet HTML 12Page - Texas Instruments TMS570LS0332 Datasheet HTML 13Page - Texas Instruments TMS570LS0332 Datasheet HTML 14Page - Texas Instruments TMS570LS0332 Datasheet HTML 15Page - Texas Instruments TMS570LS0332 Datasheet HTML 16Page - Texas Instruments TMS570LS0332 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
TMS570LS0432
TMS570LS0332
www.ti.com
SPNS186 – OCTOBER 2012
2.2.13 Flash
Table 2-13. Flash
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
100
PZ
FLTP1
3
Input
-
-
Flash Test Pad 1. For proper operation this
terminal must connect only to a test pad or not be
connected at all [no connect (NC)].
The test pad must not be exposed in the final
product where it might be subjected to an ESD
event.
FLTP2
4
Input
-
-
Flash Test Pad 2. For proper operation this
terminal must connect only to a test pad or not be
connected at all [no connect (NC)].
The test pad must not be exposed in the final
product where it might be subjected to an ESD
event.
VCCP
96
Input
-
-
Flash external pump voltage (3.3 V). This
terminal is required for both Flash read and Flash
program and erase operations.
2.2.14 Core Supply
Table 2-14. Core Supply
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
100
PZ
VCC
13
-
-
-
Digital logic and RAM supply
VCC
21
VCC
30
VCC
32
VCC
61
VCC
88
VCC
99
2.2.15 I/O Supply
Table 2-15. I/O Supply
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
100
PZ
VCCIO
6
-
-
-
I/O Supply
VCCIO
28
VCCIO
60
VCCIO
85
Copyright © 2012, Texas Instruments Incorporated
Device Package and Terminal Functions
13
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com