Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CN-R2MT-500 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E5CN-R2MT-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2MT-500 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E5CN-R2MT-500 Datasheet HTML 9Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 10Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 11Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 12Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 13Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 14Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 15Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 16Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
E5CN/E5CN-U
13
External Connections
• A voltage output (control output, for driving SSR) is not electrically insulated from the internal circuits. When using a grounding thermocouple,
do not connect any of the control output terminals to ground. (If the control output terminals are connected to ground, errors will occur in the
measured temperature values as a result of leakage current.)
• Consult with your OMRON representative before using the external power supply for the ES1B for any other purpose.
E5CN
Controllers
Option Units
E5CN-U
Note: For the Wiring Socket, purchase the P2CF-11 or PG3A-11 separately.
Voltage output (for driving SSR)
12 VDC, 21 mA
Control output 2
Relay output
250 VAC, 3 A (resistive load)
Voltage output (for driving SSR)
12 VDC, 21 mA
Current output
0 to 20 mA DC
Load: 600
Ω max.
4 to 20 mA DC
Long-life relay output
250 VAC, 3 A (resistive load)
Control output 1
Auxiliary outputs
(relay outputs)
+
−
A
B
B
TC/Pt
universalinput
+
−
Input power supply
Control output 1
Auxiliary outputs (relay outputs)
250 VAC, 3 A
(resistive load)
• 100 to 240 VAC
• 24 VAC/VDC (no polarity)
+
Analog input
−
+
V
−
Auxiliary output 2
mA
Auxiliary output 1
A heater burnout alarm, heater short alarm,
heater overcurrent alarm, or input alarm is
sent to the output to which the alarm 1
function is assigned.
DO NOT
USE
DO NOT
USE
DO NOT
USE
11
12
13
14
15
EV1
EV2
E53-CNHBN2
Event inputs
and CT
11
12
13
14
15
E53-CNPBN2
Event Inputs and
External Power Supply
EV1
EV2
+
−
External
power supply
12 VDC,
20 mA
11
12
13
14
15
E53-CNPHN2
External Power
Supply and CT
+
−
External
power supply
12 VDC,
20 mA
11
12
13
14
15
B(+)
A(
−)
RS-485
E53-CNP03N2
Communications (RS-485)
and External Power Supply
+
−
External
power supply
12 VDC,
20 mA
11
12
13
14
15
E53-CNQHN2
Control Output 2
and CT
+
−
Control output 2
11
12
13
14
15
EV1
EV2
E53-CNQBN2
Event Inputs and
Control Output 2
+
−
Control output 2
11
12
13
14
15
B(+)
A(
−)
RS-485
E53-CNHH03N2
Communications
(RS-485) and CT2
11
12
13
14
15
B(+)
A(
−)
RS-485
E53-CNQ03N2
Communications
(RS-485) and
Control Output 2
+
−
Control output 2
11
12
13
14
15
B(+)
A(
−)
RS-485
E53-CN03N2
Communications
(RS-485)
11
12
13
14
15
EV1
EV2
E53-CNBN2
Event inputs
11
12
13
14
15
E53-CNQHHN2
Control Output 2
and CT2
+
−
Control output 2
11
12
13
14
15
B(+)
A(
−)
RS-485
E53-CNH03N2
Communications
(RS-485) and CT
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
CT1
CT1
CT1
CT1
CT1
CT1
CT2
CT2
A
B
B
Auxiliary output
250 VAC, 3 A (resistive load)
Control output 1
TC/Pt
universal input
Input power supply
• 100 to 240 VAC
• 24 VAC/VDC (no polarity)
Auxiliary output 1
(Relay outputs)
Analog input
V
mA
An input error is sent to the
output to which the alarm 1
function is assigned.
Current output
0 to 20 mA DC
Relay output
(three terminals used)
SPDT, 250 VAC, 3 A
(resistive load)
Voltage output
(for driving SSR)
12 VDC, 21 mA
Load: 600 W max.
4 to 20 mA DC
Control output 1
Auxiliary output 2
(Control output (cooling side))
DO NOT
USE
DO NOT
USE
DO NOT
USE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com