Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CN-R2MT-500 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5CN-R2MT-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2MT-500 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5CN-R2MT-500 Datasheet HTML 1Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 2Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 3Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 4Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 5Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 6Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 7Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 8Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
3
Basic-type Digital Temperature Controller
E5CN/E5CN-U (48 x 48 mm)
New 48 x 48-mm Basic Temperature
Controller with Enhanced Functions and
Performance. Improved Indication
Accuracy and Preventive Maintenance
Function.
• Indication Accuracy
Thermocouple input: ±0.3% of PV (previous models: ±0.5%)
Pt input: ±0.2% of PV (previous models: ±0.5%)
Analog input: ±0.2% FS (previous models: ±0.5%)
• New E5CN-U Models (Plug-in Models) with analog inputs and
current outputs.
• A PV/SV-status display function can be set to automatically
alternate between displaying the status of the Temperature
Controller (auto/manual, RUN/STOP, and alarms) and the PV or SV.
• Preventive maintenance for relays in the Temperature Controller
using a Control Output ON/OFF Counter.
Main I/O Functions
48
× 48-mm
E5CN
48
× 48-mm
E5CN-U
Refer to Safety Precautions on page 66.
Event Inputs
• None
• Two
Sensor Inputs
• Universal thermocouple/Pt inputs
(Models with temperature inputs)
• Analog current/voltage inputs
(Models with analog inputs)
Indication Accuracy
• Thermocouple input:
±0.3% of PV
• Pt input:
±0.2% of PV
• Analog input:
±0.2% FS
Sampling Period
• 250 ms
Control Output 1
• Relay output
• Voltage output (for driving SSR)
• Current output
• Long-life relay output (hybrid)
Control Output 2
• None
• Voltage output
(for driving SSR)
Auxiliary Outputs
• None
• One
• Two
2-level Display: PV and SV
4-digit Display
E5CN
• Auto/manual switching
• Temperature Controller status display
• Simple program function
• Control output ON/OFF count alarm
• PV change rate alarm
• Models also available with RS-485
communications
This data sheet is provided as a guideline for selecting products. Be sure to refer to the following user manuals for application precautions
and other information required for operation before attempting to use the product.
E5CN/E5AN/E5EN Digital Temperature Controllers User's Manual Basic Type (Cat. No. H156)
E5CN/E5AN/E5EN Digital Temperature Controllers Communications Manual Basic Type (Cat. No. H158)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com