Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9649 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9649
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9649 Datasheet HTML 9Page - Analog Devices AD9649 Datasheet HTML 10Page - Analog Devices AD9649 Datasheet HTML 11Page - Analog Devices AD9649 Datasheet HTML 12Page - Analog Devices AD9649 Datasheet HTML 13Page - Analog Devices AD9649 Datasheet HTML 14Page - Analog Devices AD9649 Datasheet HTML 15Page - Analog Devices AD9649 Datasheet HTML 16Page - Analog Devices AD9649 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD9649
Rev. 0 | Page 13 of 3
2
AD9649-65
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty cycle
clock, unless otherwise noted.
0
–15
–30
–45
–60
–75
–90
–105
–120
3
6
9
12
1518
21
2427
30
FREQUENCY (MHz)
4
3
5
6
2
65MSPS
9.7MHz @ –1dBFS
SNR = 73.5dB (74.5dBFS)
SFDR = 97.7dBc
Figure 16. AD9649-65 Single-Tone FFT with fIN = 9.7 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
3
6
9
12
1518
21
2427
30
FREQUENCY (MHz)
4
35
2
6
65MSPS
70.3MHz @ –1dBFS
SNR = 72.6dB (73.6dBFS)
SFDR = 94.1dBc
Figure 17. AD9649-65 Single-Tone FFT with fIN = 70.3 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
3
6
9
12
1518
21
2427
30
FREQUENCY (MHz)
65MSPS
30.5MHz @ –1dBFS
SNR = 73.3dB (74.3dBFS)
SFDR = 99.3dBc
4
3
5
6
2
Figure 18. AD9649-65 Single-Tone FFT with fIN = 30.5 MHz
120
SNR
SNRFS
SFDR
SFDRFS
100
80
60
40
20
0
–90
–80
–60
–40
–20
0
INPUT AMPLITUDE (dBFS)
Figure 19.AD9649-65 SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
100
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
INPUT FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 20. AD9649-65 SNR/SFDR vs. Input Frequency (AIN)
with 2 V p-p Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com