Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9649 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9649
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9649 Datasheet HTML 17Page - Analog Devices AD9649 Datasheet HTML 18Page - Analog Devices AD9649 Datasheet HTML 19Page - Analog Devices AD9649 Datasheet HTML 20Page - Analog Devices AD9649 Datasheet HTML 21Page - Analog Devices AD9649 Datasheet HTML 22Page - Analog Devices AD9649 Datasheet HTML 23Page - Analog Devices AD9649 Datasheet HTML 24Page - Analog Devices AD9649 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD9649
Rev. 0 | Page 21 of
32
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, may be sensitive
to clock duty cycle. Commonly, a 50% duty cycle clock with ±5%
tolerance is required to maintain optimum dynamic performance,
as shown in Figure 52.
Jitter on the rising edge of the clock input can also impact dynamic
performance and should be minimized, as discussed in the Jitter
Considerations section of this datasheet.
80
75
70
65
60
55
50
40
45
10
20
30
40
50
60
70
80
POSITIVE DUTY CYCLE (%)
Figure 52. SNR vs. Clock Duty Cycle
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality
of the clock input. The degradation in SNR from the low fre-
quency SNR (SNRLF) at a given input frequency (fINPUT) due to
jitter (tJRMS) can be calculated by
SNRHF = −10 log[(2π × fINPUT × tJRMS)2 + 10
]
)
10
/
(
LF
SNR
−
In the previous equation, the rms aperture jitter represents the
clock input jitter specification. IF undersampling applications
are particularly sensitive to jitter, as illustrated in Figure 53.
80
75
70
65
60
55
50
45
1
10
100
1k
FREQUENCY (MHz)
0.5ps
0.2ps
0.05ps
1.0ps
1.5ps
2.0ps
2.5ps
3.0ps
Figure 53. SNR vs. Input Frequency and Jitter
The clock input should be treated as an analog signal in cases in
which aperture jitter may affect the dynamic range of the AD9649.
To avoid modulating the clock signal with digital noise, keep power
supplies for clock drivers separate from the ADC output driver
supplies. Low jitter, crystal-controlled oscillators make the best
clock sources. If the clock is generated from another type of source
(by gating, dividing, or another method), it should be retimed by
the original clock at the last step.
For more information, see the AN-501 Application Note and the
AN-756 Application Note, which are available on www.analog.com.
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 54, the analog core power dissipated by the
AD9649 is proportional to its sample rate. The digital power dis-
sipation of the CMOS outputs are determined primarily by the
strength of the digital drivers and the load on each output bit.
The maximum DRVDD current (IDRVDD) can be calculated as
IDRVDD = VDRVDD × CLOAD × fCLK × N
where N is the number of output bits (15, in the case of the
AD9649).
This maximum current occurs when every output bit switches
on every clock cycle, that is, a full-scale square wave at the Nyquist
frequency of fCLK/2. In practice, the DRVDD current is estab-
lished by the average number of output bits that are switching,
which is determined by the sample rate and the characteristics
of the analog input signal.
Reducing the capacitive load presented to the output drivers can
minimize digital power consumption. The data in Figure 54 was
taken using the same operating conditions as those used for the
Typical Performance Characteristics, with a 5 pF load on each
output driver.
85
75
65
55
80
70
60
50
45
35
40
10
20
30
40
50
60
70
80
CLOCK RATE (MSPS)
AD9649-80
AD9649-65
AD9649-40
AD9649-20
Figure 54. Analog Core Power vs. Clock Rate
In SPI mode, the AD9649 can be placed in power-down mode
directly via the SPI port or by using the programmable external
MODE pin. In non-SPI mode, power-down is achieved by assert-
ing the PDWN pin high. In this state, the ADC typically dissipates
500 μW. During power-down, the output drivers are placed in a
high impedance state. Asserting the PDWN pin (or the MODE pin
in SPI mode) low returns the AD9649 to normal operating mode.
Note that PDWN is referenced to the digital output driver supply
(DRVDD) and should not exceed that supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com