Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2121 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2121
Description  600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2121 Datasheet(HTML) 1 Page - Analog Devices

  ADP2121 Datasheet HTML 1Page - Analog Devices ADP2121 Datasheet HTML 2Page - Analog Devices ADP2121 Datasheet HTML 3Page - Analog Devices ADP2121 Datasheet HTML 4Page - Analog Devices ADP2121 Datasheet HTML 5Page - Analog Devices ADP2121 Datasheet HTML 6Page - Analog Devices ADP2121 Datasheet HTML 7Page - Analog Devices ADP2121 Datasheet HTML 8Page - Analog Devices ADP2121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
600 mA, 6 MHz, Synchronous
Step-Down DC-to-DC Converter
ADP2121
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Peak efficiency: 92%
Operating frequency: 6 MHz
Typical quiescent current in auto mode: 36 µA
Fixed output voltage: 1.8 V, 1.82 V, 1.85 V, 1.875 V, 2.3 V
Maximum guaranteed load current: 600 mA atV
IN = 2.7 V to 5.5 V
Input voltage: 2.3 V to 5.5 V
Typical shutdown supply current: 0.3 µA
Automatic power-saving mode
Compatible with tiny multilayer inductors
Internal synchronous rectifier
Internal compensation
Internal soft start
Output to ground short-circuit protection
Cycle-by-cycle current-limit protection
Enable/shutdown logic input
Undervoltage lockout
Thermal shutdown protection
Ultrasmall 6-ball, 0.4 mm pitch, 1.17 mm2 WLCSP
APPLICATIONS
Mobile phones
Digital cameras
Digital audio
Portable equipment
GENERAL DESCRIPTION
The ADP2121 is a high frequency, low quiescent current
step-down dc-to-dc converter optimized for portable applications
in which board area and battery life are critical constraints. The
6 MHz operating frequency enables the use of tiny ceramic induc-
tors and capacitors. Additionally, the synchronous rectification
improves efficiency and results in fewer external components.
At high load currents, the device uses a voltage regulating pulse-
width modulation (PWM) mode that maintains a constant
frequency with excellent stability and transient response. In forced
PWM mode, the converter continues operating in PWM for light
loads. At light load conditions in auto mode, the ADP2121 can
automatically enter a power-saving mode that uses pulse-frequency
modulation (PFM) to reduce the effective switching frequency and
ensure the longest battery life in portable applications. During logic
controlled shutdown (EN ≤ 0.4 V), the input is disconnected
from the output and draws less than 0.3 μA current (typical)
from the source.
TYPICAL APPLICATION CIRCUIT
VIN
GND
MODE
EN
FB
SW
CIN
2.2µF
COUT
4.7µF
ADP2121
L
0.47µH
ON
OFF
PWM
AUTO
B2
C1
A2
C2
A1
B1
OUTPUT VOLTAGE
1.8V, 1.82V, 1.85V, 1.875V, 2.3V
INPUT VOLTAGE*
2.3V TO 5.5V
*FOR OUTPUT VOLTAGE = 2.3 V, INPUT VOLTAGE = 2.9 V TO 5.5V.
Figure 1.
TYPICAL PERFORMANCE
55
0.1
1
10
100
1000
65
75
85
95
LOAD CURRENT (mA)
VOUT = 1.8V
VOUT = 1.82V
VOUT = 1.85V
VOUT = 1.875V
VOUT = 2.3V
AUTO MODE
VIN = 2.7 V
(VIN = 2.9V FOR VOUT = 2.3V)
Figure 2. Efficiency vs. Load Current for Each Voltage Option
The ADP2121 has an input voltage range of 2.3 V to 5.5 V (2.9 V
to 5.5 V for VOUT = 2.3 V), allowing the use of a single Li+/Li−
polymer cell, 3-cell alkaline or Ni-MH cell, and other standard
power sources. The converter can source up to 600 mA and is
internally compensated to minimize external components. Other
key features, such as cycle-by-cycle peak current limit, soft start,
undervoltage lockout (UVLO), output-to-ground short-circuit
protection, and thermal shutdown, protect the internal and
external circuit components.
Table 1. Output Voltage Options
Input Voltage
Range (V)
Typical Start-Up
Time (μs)
Fixed Output
Voltage (V)
2.3 to 5.5
75
1.8, 1.85, 1.875
2.3 to 5.5
275
1.82
2.9 to 5.5
100
2.3


Similar Part No. - ADP2121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2120 AD-ADP2120 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
ADP2120ACPZ-1.0-R7 AD-ADP2120ACPZ-1.0-R7 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
ADP2120ACPZ-1.2-R7 AD-ADP2120ACPZ-1.2-R7 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
ADP2120ACPZ-1.5-R7 AD-ADP2120ACPZ-1.5-R7 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
ADP2120ACPZ-1.8-R7 AD-ADP2120ACPZ-1.8-R7 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
More results

Similar Description - ADP2121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Analog Devices
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2126 AD-ADP2126 Datasheet
845Kb / 20P
Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
REV. A
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2102 AD-ADP2102_15 Datasheet
792Kb / 24P
Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
logo
Analog Devices
ADP2126 AD-ADP2126_V01 Datasheet
893Kb / 20P
Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com