Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2121 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2121
Description  600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2121 Datasheet(HTML) 3 Page - Analog Devices

  ADP2121 Datasheet HTML 1Page - Analog Devices ADP2121 Datasheet HTML 2Page - Analog Devices ADP2121 Datasheet HTML 3Page - Analog Devices ADP2121 Datasheet HTML 4Page - Analog Devices ADP2121 Datasheet HTML 5Page - Analog Devices ADP2121 Datasheet HTML 6Page - Analog Devices ADP2121 Datasheet HTML 7Page - Analog Devices ADP2121 Datasheet HTML 8Page - Analog Devices ADP2121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP2121
Rev. B | Page 3 of 20
SPECIFICATIONS
VIN = EN = 3.6 V; VOUT = 1.8 V, 1.82 V, 1.85 V, 1.875 V, and 2.3 V; typical values are at TA = 25°C; and minimum/maximum limits
guaranteed for TJ = −40°C to +125°C,1
Table 2.
unless otherwise noted.
Parameters
Conditions
Min
Typ
Max
Unit
SUPPLY
Input Voltage Range
VOUT = 1.8 V, 1.82 V, 1.85 V, 1.875 V
2.3
5.5
V
VOUT = 2.3 V
2.9
5.5
V
Quiescent Current
Auto mode, no load, not switching, TA = −40°C to 85°C
36
56
µA
PWM mode, no load
10
mA
Shutdown Current
VOUT = 1.8 V, 1.82 V, 1.85 V, 1.875 V, VEN = 0 V, TA = −40°C to 85°C
0.3
1
µA
VOUT = 2.3 V, VEN = 0 V, TA = −40°C to 85°C
0.4
1.5
µA
UNDERVOLTAGE LOCKOUT
Undervoltage Lockout Threshold
VOUT = 1.8 V, 1.82 V, 1.85 V, 1.875 V, VIN rising
2.1
2.3
V
VOUT = 1.8 V, 1.82 V, 1.85 V, 1.875 V, VIN falling
1.6
2.0
V
VOUT = 2.3 V, VIN rising
2.4
2.6
V
VOUT = 2.3 V, VIN falling
1.9
2.3
V
OUTPUT
Maximum Continuous Output Current2
VOUT = 1.8 V, 1.82 V, 1.85 V, 1.875 V, VIN = 2.3 V
300
mA
VOUT = 1.8 V, 1.82 V, 1.85 V, 1.875 V, VIN = 2.5 V
500
mA
VOUT = 1.8 V, 1.82 V, 1.85 V, 1.875 V, VIN = 2.7 V to 5.5 V
600
mA
VOUT = 2.3 V, VIN = 2.9 V to 5.5 V
600
mA
Output Voltage Accuracy3
Auto mode, VIN = 3.6 V, TA = 25°C, no load, with respect to VOUT
−3
+3
%
PWM mode, VIN = 2.5 V to 4.5 V, no load, with respect to VOUT
−3
+3
%
Load Regulation4
PWM mode, ILOAD = 1 mA to 600 mA
−0.2
%/A
Feedback Bias Current
VOUT = 1.8 V, VFB = 1.8 V and VOUT = 1.82 V, VFB = 1.82 V
3.8
8
µA
VOUT = 1.85, VFB = 1.85 V and VOUT = 1.875 V, VFB = 1.875 V
4.1
8
µA
VOUT = 2.3 V, VFB = 2.3 V
6.4
8
µA
SWITCHING CHARACTERISTICS
SW On Resistance (RDSon)
P-channel switch
220
440
mΩ
N-channel synchronous rectifier
260
550
mΩ
SW Leakage Current
VIN = 5.5 V, VSW = 0 V and 5.5 V
5
µA
SW Current Limit
P-channel switch, open loop, TA = −40°C to 125°C
790
1000
1222
mA
P-channel switch, open loop, TA = −40°C to 85°C
828
1000
1222
mA
Oscillator Frequency
5.36
6
6.64
MHz
EN/MODE INPUT LOGIC
VIN = 2.3 V to 5.5 V
High Threshold Voltage
1.3
V
Low Threshold Voltage
0.4
V
Leakage Current
VIN = VEN = VMODE = 5.5 V
0.01
1
µA
SOFT START
Time from EN ≥ 1.2 V to stable VOUT
Soft Start Period5
VOUT = 1.82 V, RLOAD = 5.1 Ω
275
310
µs
VOUT = 1.8 V, 1.85 V, 1.875 V, RLOAD = 5.1 Ω
75
85
µs
VOUT = 2.3 V, RLOAD = 5.1 Ω
100
115
µs
SHORT-CIRCUIT THRESHOLD
1.24
V
THERMAL SHUTDOWN
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
15
°C
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC); typical values are at T
A = 25°C.
2 Guaranteed by design. The maximum output current guarantee for 2.3 V to 2.5 V increases linearly from 300 mA to 500 mA. The maximum output current guarantee for 2.5 V to
2.7 V increases linearly from 500 mA to 600 mA. For greater than 2.7 V, the maximum output current guarantee is 600 mA.
3 Transients not included in voltage accuracy specifications. For PFM mode, the VOUT accuracy specification is for the upper point of the ripple.
4 The load regulation typical value includes all voltage options. The typical value is different for each voltage option, but can be up to −0.2%/A.
5 Typical value characterized on bench. Maximum specification guaranteed by design.
CIN = 2.2 µF (GRM155R60J225M), L = 0.47 µH (LQM2HPNR47MG0L), COUT = 4.7 µF
(
GRM155R60J475ME87D).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com