Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-0630LR-150 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-0630LR-150
Description  High saturation current. Low loss due to low DC resistance.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0630LR-150 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-0630LR-150 Datasheet HTML 1Page - Abracon Corporation ASPI-0630LR-150 Datasheet HTML 2Page - Abracon Corporation ASPI-0630LR-150 Datasheet HTML 3Page - Abracon Corporation ASPI-0630LR-150 Datasheet HTML 4Page - Abracon Corporation ASPI-0630LR-150 Datasheet HTML 5Page - Abracon Corporation ASPI-0630LR-150 Datasheet HTML 6Page - Abracon Corporation ASPI-0630LR-150 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Molding Type Power Inductor
|| | | | | | | | | | | | | |
ASPI-0630LR
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
7.2 x 6.65 x 3.0 mm
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.17.11
Visit www.abracon.com for Terms & Conditions of Sale
ELECTRICAL CHARACTERISTIC CURVES
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0
1
2
3
4
5
6
7
DC Bias(A)
CIP0630LR5R6
Saturation Current
0
20
40
60
80
0
2
4
6
8
DC bias(A)
CIP0630LR5R6
HeatRating Current
ASPI-0630LR-4R7
ASPI-0630LR-6R8
ASPI-0630LR-5R6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com