Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JC030B-M Datasheet(PDF) 13 Page - General Semiconductor

Part # JC030B-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

JC030B-M Datasheet(HTML) 13 Page - General Semiconductor

Back Button JC030B-M Datasheet HTML 9Page - General Semiconductor JC030B-M Datasheet HTML 10Page - General Semiconductor JC030B-M Datasheet HTML 11Page - General Semiconductor JC030B-M Datasheet HTML 12Page - General Semiconductor JC030B-M Datasheet HTML 13Page - General Semiconductor JC030B-M Datasheet HTML 14Page - General Semiconductor JC030B-M Datasheet HTML 15Page - General Semiconductor JC030B-M Datasheet HTML 16Page - General Semiconductor JC030B-M Datasheet HTML 17Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
JC030-Series Power Modules:
March 26, 2008
18 Vdc to 36 Vdc Inputs; 2 Vdc to 15 Vdc Outputs;13 W to 30 W
Lineage Power
13
Feature Descriptions (continued)
Output Voltage Adjustment (continued)
8-715(C).b
Figure 25. Circuit Configuration to Increase Output
Voltage
VI(+)
VI(–)
ON/OFF
CASE
VO(+)
VO(–)
SENSE(+)
TRIM
SENSE(–)
Radj-up
RLOAD
Output Overvoltage Protection
The output overvoltage clamp consists of control cir-
cuitry, independent of the primary regulation loop, that
monitors the voltage on the output terminals. The con-
trol loop of the clamp has a higher voltage set point
than the primary loop (see Feature Specifications
table). This provides a redundant voltage control that
reduces the risk of output overvoltage.
Thermal Considerations
8-1046(C)
Note: Dimensions are in millimeters and (inches).
Figure 26. Thermal Test Setup
76.2
(3.00)
101.6
(4.00)
203.2 (8.00)
AIRFLOW
MEASURE CASE
TEMPERATURE (TC) AT
CENTER OF UNIT
CONNECTORS TO
LOADS, POWER
SUPPLIES, AND
DATALOGGER,
6.35 (0.25) TALL
19.1 (0.75)
12.7 (0.50)
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED
BELOW THE
MODULE
AIR-
FLOW
WIND TUNNEL
WALL
203.2
(8.00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com