Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JC030B-M Datasheet(PDF) 17 Page - General Semiconductor

Part # JC030B-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

JC030B-M Datasheet(HTML) 17 Page - General Semiconductor

Back Button JC030B-M Datasheet HTML 12Page - General Semiconductor JC030B-M Datasheet HTML 13Page - General Semiconductor JC030B-M Datasheet HTML 14Page - General Semiconductor JC030B-M Datasheet HTML 15Page - General Semiconductor JC030B-M Datasheet HTML 16Page - General Semiconductor JC030B-M Datasheet HTML 17Page - General Semiconductor JC030B-M Datasheet HTML 18Page - General Semiconductor JC030B-M Datasheet HTML 19Page - General Semiconductor JC030B-M Datasheet HTML 20Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
JC030-Series Power Modules:
March 26, 2008
18 Vdc to 36 Vdc Inputs; 2 Vdc to 15 Vdc Outputs;13 W to 30 W
Lineage Power
17
Outline Diagram
Dimensions are in millimeters and (inches).
Copper paths must not be routed beneath the power module standoffs.
Tolerances: x.x ± 0.5 mm (0.02 in.), x.xx ± 0.25 mm (0.010 in.).
Top View
Side View
Bottom View
8-716(C).l
57.9 (2.28)
61.0
(2.40)
VI(+)
ON/
OFF
CASE
VI(-)
VO(+)
+ SEN
TRIM
- SEM
VO(-)
JC030A-M
DC-DC Power Module
18-36V 2.2A IN 5V 6A OUT
MADE IN USE
M3
MAX
MAX
0.51 (0.020)
12.7 (0.50)
1.02 (0.040) DIA
SOLDER-PLATED
BRASS, ALL PINS
5.8 (0.23)
MIN
MAX
48.3 (1.90)
10.16
(0.400)
MOUNTING INSERTS
M3 x 0.5 THROUGH,
4 PLACES
10.16
(0.400)
5.1 (0.20)
12.7 (0.50)
4.8
(0.19)
48.26 (1.900)
STANDOFF,
4 PLACES
7.1 (0.28)
7.1
(0.28)
17.78
(0.700)
25.40
(1.000)
35.56
(1.400)
25.40
(1.000)
50.8
(2.00)
35.56
(1.400)
4
3
2
1
5
6
7
8
9
TERMINALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com