Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR435 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR435
Description  12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR435 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR435 Datasheet HTML 8Page - Analog Devices ADR435 Datasheet HTML 9Page - Analog Devices ADR435 Datasheet HTML 10Page - Analog Devices ADR435 Datasheet HTML 11Page - Analog Devices ADR435 Datasheet HTML 12Page - Analog Devices ADR435 Datasheet HTML 13Page - Analog Devices ADR435 Datasheet HTML 14Page - Analog Devices ADR435 Datasheet HTML 15Page - Analog Devices ADR435 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5444/AD5446
Data Sheet
Rev. E | Page 12 of 28
–120
–100
–80
–60
–40
–20
0
0
500k
TA = 25°C
VDD = 5V
VREF = 3.5V
AD8038 AMP
FREQUENCY (Hz)
400k
300k
200k
100k
Figure 30. Wideband SFDR , fOUT = 20 kHz, Clock = 1 MHz
–120
–100
–80
–60
–40
–20
0
0
500k
TA = 25°C
VDD = 5V
VREF = 3.5V
AD8038 AMP
FREQUENCY (Hz)
400k
300k
200k
100k
Figure 31. Wideband SFDR, fOUT = 50 kHz, Clock = 1 MHz
–120
–100
–80
–60
–40
–20
0
10k
30k
TA = 25°C
VDD = 5V
VREF = 3.5V
AD8038 AMP
FREQUENCY (Hz)
25k
20k
15k
Figure 32. Narrow-Band SFDR, fOUT = 20 kHz, Clock = 1 MHz
–120
–100
–80
–60
–40
–20
0
30k
70k
TA = 25°C
VDD = 5V
VREF = 3.5V
AD8038 AMP
FREQUENCY (Hz)
60k
50k
40k
Figure 33. Narrow-Band SFDR, fOUT = 50 kHz, Clock = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com