Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR435 Datasheet(PDF) 16 Page - Analog Devices

Part # ADR435
Description  12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR435 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADR435 Datasheet HTML 12Page - Analog Devices ADR435 Datasheet HTML 13Page - Analog Devices ADR435 Datasheet HTML 14Page - Analog Devices ADR435 Datasheet HTML 15Page - Analog Devices ADR435 Datasheet HTML 16Page - Analog Devices ADR435 Datasheet HTML 17Page - Analog Devices ADR435 Datasheet HTML 18Page - Analog Devices ADR435 Datasheet HTML 19Page - Analog Devices ADR435 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5444/AD5446
Data Sheet
Rev. E | Page 16 of 28
Bipolar Operation
In some applications, it may be necessary to generate a full
4-quadrant multiplying operation, or a bipolar output swing.
This can easily be accomplished by using another external
amplifier and some external resistors, as shown in Figure 39.
In this circuit, the second amplifier (A2) provides a gain of 2.
Biasing the external amplifier with an offset from the reference
voltage results in a full 4-quadrant multiplying operation. The
transfer function of this circuit shows that both negative and
positive output voltages are created as the input data (D) is
incremented from code zero (VOUT = −VREF) to midscale
(VOUT − 0 V) to full scale (VOUT = +VREF)
REF
n
REF
OUT
V
D
V
V
−
×
=
−1
2
where:
D is the fractional representation of the digital word loaded
to the DAC:
D = 0 to 4095 (12-bit AD5444)
D = 0 to 16383 (14-bit AD5446)
n is the resolution of the DAC.
When VIN is an ac signal, the circuit performs 4-quadrant
multiplication.
Table 6 shows the relationship between digital code and the
expected output voltage for bipolar operation.
Table 6. Bipolar Code
Digital Input
Analog Output (V)
1111 1111 1111
+VREF (2047/2048)
1000 0000 0000
0
0000 0000 0001
−VREF (2047/2048)
0000 0000 0000
−VREF (0/2048)
Stability
In the current-to-voltage (I-to-V) configuration, the IOUT1of the
DAC and the inverting node of the op amp must be connected
as closely as possible, and proper PCB layout techniques must
be employed. Because every code change corresponds to a step
function, gain peaking can occur if the op amp has limited GBP
and excessive parasitic capacitance exists at the inverting node.
This parasitic capacitance introduces a pole into the open-loop
response that can cause ringing or instability in the closed-loop
applications circuit.
An optional compensation capacitor (C1) can be added in
parallel with RFB for stability, as shown in Figure 38 and
Figure 39. Too small a value for C1 can produce ringing at
the output, while too large a value can adversely affect the
settling time. C1 should be found empirically, but 1 pF to
2 pF is generally adequate for the compensation.
IOUT1
IOUT2
AD5444/
AD5446
VREF
VDD
C1
A1
VOUT = –VREF TO +VREF
AGND
R2
VDD
VREF ±10V
SDIN
SCLK
SYNC
MICROCONTROLLER
A2
R4
10kΩ
R5
20kΩ
NOTES
1. R1 AND R2 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
ADJUST R1 FOR VOUT = 0V WITH CODE 10000000 LOADED TO DAC.
2. MATCHING AND TRACKING IS ESSENTIAL FOR RESISTOR PAIRS
3. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED,
IF A1/A2 IS A HIGH SPEED AMPLIFIER.
R3 AND R4.
R3
20kΩ
R1
RFB
Figure 39. Bipolar Operation (4-Quadrant Multiplication)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com