Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM336 Datasheet(PDF) 10 Page - Analog Devices

Part # AM336
Description  IC FOR OPTO DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM336 Datasheet(HTML) 10 Page - Analog Devices

Back Button AM336 Datasheet HTML 4Page - Analog Devices AM336 Datasheet HTML 5Page - Analog Devices AM336 Datasheet HTML 6Page - Analog Devices AM336 Datasheet HTML 7Page - Analog Devices AM336 Datasheet HTML 8Page - Analog Devices AM336 Datasheet HTML 9Page - Analog Devices AM336 Datasheet HTML 10Page - Analog Devices AM336 Datasheet HTML 11Page - Analog Devices AM336 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IC FOR OPTO DETECTOR
AM 336
analog microelectronics
February 2005
10/12
APPLICATION EXAMPLES
+
Rled
1k
Rt
68
Rtd1
820
Rts
10
BSS60
Tt
Rh
100k
Ro
560k
Crh
22n
Rd
33k
Crd
22n
Dz
Co
4n7
Cs
10
µ
Rtd2
560
Ct
10
µ
Rs
1R5
Tout
Ra
1M
Cin
10n
Ca
4n7
Dt
GL360
Dph
PD480
Ts
Csc
10n
Rzd
-
LED
OUT
A
BSS60
3
4
5
6
1
2
7
9
8
15
10
14
13
12
Vcc = 8.5V - 40V
11
16
RH
VCC
FO
RD
LED
RS
OUTA
IND
ALR
QO
QC
VZ
CSC
GND
INA
IRD
AM 336-1
Figure 7: Proximity application
+
Rtd
10k
Rh
100k
Ro
560k
Rd
33k
Dz
Rs
1R5
Co
4n7
IND
IRD
FO
VCC RD LED
Rled
1k
RS
QC
OUTA
Ra
1M
Cin
10n
Ca
4n7
ALR
QO
BSS60
Tout
OUT
A
Csc
10n
CSC
INAGND
Dph
PD480
-
Cs
10
µ
9
7
3
2
8
16
15
10
14
13
12
11
1
Vcc = 5.5V - 6.7V
P/B
AM 336-2
RH
Figure 8: Barrier application (without voltage stabilisation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com