Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM336 Datasheet(PDF) 2 Page - Analog Devices

Part # AM336
Description  IC FOR OPTO DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM336 Datasheet(HTML) 2 Page - Analog Devices

  AM336 Datasheet HTML 1Page - Analog Devices AM336 Datasheet HTML 2Page - Analog Devices AM336 Datasheet HTML 3Page - Analog Devices AM336 Datasheet HTML 4Page - Analog Devices AM336 Datasheet HTML 5Page - Analog Devices AM336 Datasheet HTML 6Page - Analog Devices AM336 Datasheet HTML 7Page - Analog Devices AM336 Datasheet HTML 8Page - Analog Devices AM336 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IC FOR OPTO DETECTOR
AM 336
analog microelectronics
February 2005
2/12
ABSOLUTE MAXIMUM RATINGS
DC Supply Voltage VCC
6,7V
Current Zener Diode IZD
10mA
Junction Temperature TJ
150°C
Storage Temperature Range Tst
– 25...125°C
Operating Temperature Range Tamb
0...85°C
ELECTRICAL SPECIFICATIONS
Tamb = 25°C, VCC = 6.5V, RO = 560kΩ, CO = 4.7nF (unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Supply Voltage
VCC
5.5
6.5
6.7
V
Supply Current
ICC
6.0
8.0
mA
Oscillator
Output current (low)
IIRD low
VIRD = 0.8V
8.0
mA
Output current (high)
IIRD high
VIRD = 6.5V
380
µA
Discharging resistor
RE
internal
4.4
5.9
7.4
k
Ω
Proximity (P/B = low):
Emission pulse width
TIRD
0.4
× RE × CO
11
µs
Emission frequency
fOP
2.5 / (RO × CO), RO >> RE
950
Hz
Barrier (P/B = high):
Frequency oscillator freerun
fOB
1.25 / (RO × CO), RO >> RE
475
Hz
Synchronisation pulse width
TSYNC
0.6
× RE × CO, RO >> RE
25
µs
Synchronisation frequency
fSYNC
1.2
× fOB < fSYNC < fOP
600
900
Hz
Amplifier
Low frequency impedance
RB
internal
8
10
12.5
k
Ω
Signal detection stage
Threshold comparator A
VTA
VTA
RD = 30kΩ
RD = 180kΩ
900
25
mV
mV
Threshold comparator B
VTB
VTB
RD = 30kΩ
RD = 180kΩ
1350
25
mV
mV
Hysteresis comparator A
VHA
VHA
RH = 200kΩ, RD = 30kΩ
RH = 200kΩ, RD =180kΩ
45
2
mV
mV
Filter resistor
RIN
internal
15
19
24
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com