Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981BJST Datasheet(PDF) 15 Page - Analog Devices

Part # AD1981BJST
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BJST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1981BJST Datasheet HTML 11Page - Analog Devices AD1981BJST Datasheet HTML 12Page - Analog Devices AD1981BJST Datasheet HTML 13Page - Analog Devices AD1981BJST Datasheet HTML 14Page - Analog Devices AD1981BJST Datasheet HTML 15Page - Analog Devices AD1981BJST Datasheet HTML 16Page - Analog Devices AD1981BJST Datasheet HTML 17Page - Analog Devices AD1981BJST Datasheet HTML 18Page - Analog Devices AD1981BJST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD1981B
Rev. C | Page 15 of 32
MONO VOLUME REGISTER
Index 0x06
This register controls the mono output volume and mute bit. The volume register contains five bits, generating 32 volume levels with
31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume registers, to maintain compatibility, whenever the D5 bit is set to 1, their
respective lower five volume bits are automatically set to 1 by the codec logic. On readback, all lower five bits read 1s whenever this bit is
set to 1. Refer to Table 14 for examples.
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x06
Mono Volume
MVM
X
X
X
X
X
X
X
X
X
X
MV4
MV3
MV2
MV1
MV0
0x8000
All registers are not shown, and bits containing an X are assumed to be reserved.
Table 13.
Bit
Mnemonic
Function
MV [4:0]
Mono Volume Control
The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a maximum
attenuation of 46.5 dB.
MVM
Mono Volume Mute
When this bit is set to 1, the channel is muted.
Table 14. Volume Settings for Mono
Control Bits D [4:0] for Mono (0x06)
D15
Write
Readback
Function
0
0000
0 0000
0 dB Gain
0
0 1111
0 1111
−22.5 dB Gain
0
1 1111
1 1111
−46.5 dB Gain
1
X XXXX
X XXXX
−∞ dB Gain, Muted
An X is a wild card and has no effect on the value.
PHONE VOLUME REGISTER
Index 0x0C
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x0C
Phone Volume
PHM
X
X
X
X
X
X
X
X
X
X
PHV4
PHV3
PHV2
PHV1
PHV0
0x8008
All registers are not shown, and bits containing an X are assumed to be reserved. Refer to Table 17 for examples.
Table 15.
Bit
Mnemonic
Function
PHV [4:0]
Phone Volume
Allows setting the phone volume attenuator in 32 volume levels with 31 steps of 1.5 dB each. The
LSB represents 1.5 dB, and the gain range is +12 dB to −34.5 dB. The default value is 0 dB, with the
mute bit enabled.
PHM
Phone Mute
When this bit is set to 1, the phone channel is muted.
All registers are not shown, and bits containing an X are assumed to be reserved. Refer to Table 17 for examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com