Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981BJST Datasheet(PDF) 17 Page - Analog Devices

Part # AD1981BJST
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BJST Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1981BJST Datasheet HTML 13Page - Analog Devices AD1981BJST Datasheet HTML 14Page - Analog Devices AD1981BJST Datasheet HTML 15Page - Analog Devices AD1981BJST Datasheet HTML 16Page - Analog Devices AD1981BJST Datasheet HTML 17Page - Analog Devices AD1981BJST Datasheet HTML 18Page - Analog Devices AD1981BJST Datasheet HTML 19Page - Analog Devices AD1981BJST Datasheet HTML 20Page - Analog Devices AD1981BJST Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD1981B
Rev. C | Page 17 of 32
CD VOLUME REGISTER
Index 0x12
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x12
CD Volume
CVM
X
X
LCV4
LCV3
LCV2
LCV1
LCV0
RM1
X
X
RCV4
RCV3
RCV2
RCV1
RCV0
0x8808
1 For AC ‘97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 0x76. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, the RM bit has no effect. All registers are not shown, and bits containing an X are assumed to be reserved. Refer to Table 22 for examples.
Table 19.
Bit
Mnemonic
Function
RCV [4:0]
Right CD Volume
Allows setting the CD right-channel attenuator in 32 volume levels. The LSB represents 1.5 dB, and the
gain range is +12 dB to −34.5 dB. The default value is 0 dB, mute enabled.
RM
Right-Channel Mute
Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel separately from the
CVM bit. Otherwise, this bit always reads 0 and has no affect when set to 1.
LCV [4:0]
Left CD Volume
Allows setting the CD left-channel attenuator in 32 volume levels. The LSB represents 1.5 dB, and the
gain range is +12 dB to −34.5 dB. The default value is 0 dB, mute enabled.
CVM
CD Volume Mute
When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in
Register 0x76 is set to 1, in which case this mute bit affects only the left channel.
AUX VOLUME REGISTER
Index 0x16
Reg No.
Name
D15
D14
D13
D12
D11
D1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x16
AUX Volume
AM
X
X
LAV4
LAV3
LAV2
LAV1
LAV0
RM1
X
X
RAV4
RAV3
RAV2
RAV1
RAV0
0x8808
1 For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 0x76. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, the RM bit has no effect. All registers are not shown, and bits containing an X are assumed to be reserved. Refer to
for examples.
Table 22
Table 20.
Bit
Mnemonic
Function
RAV [4:0]
Right AUX Volume
Allows setting the AUX right-channel attenuator in 32 volume levels. The LSB represents 1.5 dB, and
the gain range is +12 dB to −34.5 dB. The default value is 0 dB, mute enabled.
RM
Right-Channel Mute
Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel separately from the
AM bit. Otherwise, this bit always reads 0 and has no affect when set to 1.
LAV [4:0]
Left AUX Volume
Allows setting the AUX left-channel attenuator in 32 volume levels. The LSB represents 1.5 dB, and
the gain range is +12 dB to −34.5 dB. The default value is 0 dB, mute enabled.
AM
AUX Volume Mute
When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in
Register 0x76 is set to 1, in which case this mute bit affects only the left channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com