Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M12AB Datasheet(PDF) 19 Page - STMicroelectronics

Part # L78M12AB
Description  Precision 500 mA regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M12AB Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L78M12AB Datasheet HTML 15Page - STMicroelectronics L78M12AB Datasheet HTML 16Page - STMicroelectronics L78M12AB Datasheet HTML 17Page - STMicroelectronics L78M12AB Datasheet HTML 18Page - STMicroelectronics L78M12AB Datasheet HTML 19Page - STMicroelectronics L78M12AB Datasheet HTML 20Page - STMicroelectronics L78M12AB Datasheet HTML 21Page - STMicroelectronics L78M12AB Datasheet HTML 22Page - STMicroelectronics L78M12AB Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
L78MxxAB, L78MxxAC
Package mechanical data
Doc ID 2147 Rev 13
19/31
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Note:
In spite of some difference in tolerances, the packages are compatible.
Table 12.
TO-220 mechanical data
Dim.
Type STD - ST Dual Gauge
Type STD - ST Single Gauge
mm.
mm.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
4.40
4.60
b
0.61
0.88
0.61
0.88
b1
1.14
1.70
1.14
1.70
c
0.48
0.70
0.48
0.70
D
15.25
15.75
15.25
15.75
D1
1.27
E
10.00
10.40
10.00
10.40
e
2.40
2.70
2.40
2.70
e1
4.95
5.15
4.95
5.15
F
1.23
1.32
0.51
0.60
H1
6.20
6.60
6.20
6.60
J1
2.40
2.72
2.40
2.72
L
13.00
14.00
13.00
14.00
L1
3.50
3.93
3.50
3.93
L20
16.40
16.40
L30
28.90
28.90
∅P
3.75
3.85
3.75
3.85
Q
2.65
2.95
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com