Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M12AB Datasheet(PDF) 27 Page - STMicroelectronics

Part # L78M12AB
Description  Precision 500 mA regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M12AB Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L78M12AB Datasheet HTML 23Page - STMicroelectronics L78M12AB Datasheet HTML 24Page - STMicroelectronics L78M12AB Datasheet HTML 25Page - STMicroelectronics L78M12AB Datasheet HTML 26Page - STMicroelectronics L78M12AB Datasheet HTML 27Page - STMicroelectronics L78M12AB Datasheet HTML 28Page - STMicroelectronics L78M12AB Datasheet HTML 29Page - STMicroelectronics L78M12AB Datasheet HTML 30Page - STMicroelectronics L78M12AB Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
L78MxxAB, L78MxxAC
Package mechanical data
Doc ID 2147 Rev 13
27/31
Figure 28.
DPAK footprint recommended data
Table 14.
Footprint data
Values
Dim.
mm.
inch.
A
6.70
0.264
B
6.70
0.64
C
1.8
0.070
D
3.0
0.118
E
1.60
0.063
F
2.30
0.091
G
2.30
0.091



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com