Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS001WPTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LPS001WPTR
Description  MEMS pressure sensor 300-1100 mbar absolute digital output barometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS001WPTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LPS001WPTR Datasheet HTML 15Page - STMicroelectronics LPS001WPTR Datasheet HTML 16Page - STMicroelectronics LPS001WPTR Datasheet HTML 17Page - STMicroelectronics LPS001WPTR Datasheet HTML 18Page - STMicroelectronics LPS001WPTR Datasheet HTML 19Page - STMicroelectronics LPS001WPTR Datasheet HTML 20Page - STMicroelectronics LPS001WPTR Datasheet HTML 21Page - STMicroelectronics LPS001WPTR Datasheet HTML 22Page - STMicroelectronics LPS001WPTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LPS001WP
Register mapping
Doc ID 18171 Rev 1
19/30
7
Register mapping
Table 14 below provides a listing of the 8-bit registers embedded in the device and the
related addresses.
.
Registers marked as
Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
Table 14.
Registers address map
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved (Do not modify)
00-0E
Reserved
WHO_AM_I
r
0F
000 1111
10111010
Dummy register
Reserved (Do not modify)
10-1F
Reserved
CTRL_REG1
rw
20
010 0000
00000000
CTRL_REG2
rw
21
010 0001
00000000
Reserved (Do not modify)
23-26
Reserved
Status_Reg
r
27
010 0111
00000000
PRESS_OUT_L
r
28
010 1000
output
PRESS_OUT_H
r
29
010 1001
output
TEMP_OUT_L
r
2A
010 1010
output
TEMP_OUT_H
r
2B
010 1011
output
DELTA_P_L
r
2C
010 1100
output
DELTA_P_H
r
2D
010 1101
output
Reserved (Do not modify)
2E-2F
Reserved
REF_P_L
rw
30
011 0000
00000000
REF_P_H
rw
31
011 0001
00000000
THS_P_L
rw
32
011 0010
00000000
THS_P_H
rw
33
011 0011
00000000
INTERRUPT_CFG
rw
34
011 0100
00000000
INT_SOURCE
r
35
011 0101
output
INT_ACK
r
36
011 0110
Dummy register
Reserved (Do not modify)
37-3F
Reserved
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com