Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS001WPTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # LPS001WPTR
Description  MEMS pressure sensor 300-1100 mbar absolute digital output barometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS001WPTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LPS001WPTR Datasheet HTML 19Page - STMicroelectronics LPS001WPTR Datasheet HTML 20Page - STMicroelectronics LPS001WPTR Datasheet HTML 21Page - STMicroelectronics LPS001WPTR Datasheet HTML 22Page - STMicroelectronics LPS001WPTR Datasheet HTML 23Page - STMicroelectronics LPS001WPTR Datasheet HTML 24Page - STMicroelectronics LPS001WPTR Datasheet HTML 25Page - STMicroelectronics LPS001WPTR Datasheet HTML 26Page - STMicroelectronics LPS001WPTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LPS001WP
Register description
Doc ID 18171 Rev 1
23/30
Pressure data are expressed as absolute values. Values exceeding the operating pressure
range (see
Table 3) are clipped.
In big endian mode (BLE bit in CTRL_REG1 set to ‘1’) the content of this register is the MSB
pressure data.
8.6
PRESS_OUT_H (29h)
In big endian mode (BLE bit in CTRL_REG1 set to ‘1’) the content of this register is the LSB
pressure data.
8.7
TEMP_OUT_L (2Ah)
Temperature data are expressed as 2s complement numbers.
In big endian mode (BLE bit in CTRL_REG1 set to ‘1’) the content of this register is the MSB
temperature data.
8.8
TEMP_OUT_H (2Bh)
Table 22.
RESS_OUT_L (28h) register description
POUT7 -
POUT0
Pressure data LSB (when BLE bit in the CTRL_REG1 is set to ‘0’, little endian)
Table 23.
PRESS_OUT_H (29h) register
POUT15
POUT14
POUT13
POUT12
POUT11
POUT10
POUT9
POUT8
Table 24.
PRESS_OUT_H (29h) register description
POUT15 -
POUT8
Pressure data MSB (when BLE bit in CTRL_REG1 is set to ‘0’)
Table 25.
TEMP_OUT_L (2Ah) register
TOUT7
TOUT6
TOUT5
TOUT4
TOUT3
TOUT2
TOUT1
TOUT0
Table 26.
TEMP_OUT_L (2Ah) register description
TOUT7 -
TOUT0
Temperature data LSB (when BLE bit in CTRL_REG1 register is set to ‘0’, little
endian)
Table 27.
TEMP_OUT_H (2Bh) register
TOUT15
TOUT14
TOUT13
TOUT12
TOUT11
TOUT10
TOUT9
TOUT8
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com