Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F102XB Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32F102XB
Description  Medium-density USB access line, ARM-based 32b MCU with 64/128KB Flash, USB FS, 6 timers, ADC & 8 com. interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102XB Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32F102XB Datasheet HTML 62Page - STMicroelectronics STM32F102XB Datasheet HTML 63Page - STMicroelectronics STM32F102XB Datasheet HTML 64Page - STMicroelectronics STM32F102XB Datasheet HTML 65Page - STMicroelectronics STM32F102XB Datasheet HTML 66Page - STMicroelectronics STM32F102XB Datasheet HTML 67Page - STMicroelectronics STM32F102XB Datasheet HTML 68Page - STMicroelectronics STM32F102XB Datasheet HTML 69Page - STMicroelectronics STM32F102XB Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
Electrical characteristics
STM32F102x8, STM32F102xB
66/80
DocID15056 Rev 5
Equation 1: RAIN max formula:
The formula above (Equation 1) is used to determine the maximum external impedance allowed for an
error below 1/4 of LSB. Here N = 12 (from 12-bit resolution).
Table 45. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
2.4
3.6
V
fADC
ADC clock frequency
0.6
12
MHz
fS(1)
1. Guaranteed by design, not tested in production.
Sampling rate
0.05
0.85
Msps
fTRIG(1) External trigger frequency
fADC = 12 MHz
823
kHz
17
1/fADC
VAIN
Conversion voltage range(2)
2. VREF+ is internally connected to VDDA and VREF- is internally connected to VSSA,
0 (VSSA or
VREF- tied to
ground)
VREF+
V
RAIN(1) External input impedance
See Equation 1
and Table 48
for details
50
κΩ
RADC(1) Sampling switch resistance
1
κΩ
CADC(1)
Internal sample and hold
capacitor
8pF
tCAL(1)
Calibration time
fADC = 12 MHz
5.9
µs
83
1/fADC
tlat(1)
Injection trigger conversion
latency
fADC = 12 MHz
0.214
µs
3(3)
3. For external triggers, a delay of 1/fPCLK2 must be added to the latency specified in Table 47.
1/fADC
tlatr(1)
Regular trigger conversion
latency
fADC = 12 MHz
0.143
µs
2(3)
1/fADC
tS(1)
Sampling time
fADC = 12 MHz
0.125
19.95
µs
1.5
239.5
1/fADC
tSTAB(1)
Power-up time
0
0
1
µs
tCONV(1)
Total conversion time
(including sampling time)
fADC = 12 MHz
1.2
21
µs
14 to 252 (tS for sampling +12.5
for successive approximation)
1/fADC
R
AIN
T
S
f
ADC
C
ADC
2
N2
+
()
ln
×
×
-------------------------------------------------------------
R
ADC
–
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com