Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F102XB Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32F102XB
Description  Medium-density USB access line, ARM-based 32b MCU with 64/128KB Flash, USB FS, 6 timers, ADC & 8 com. interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102XB Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32F102XB Datasheet HTML 72Page - STMicroelectronics STM32F102XB Datasheet HTML 73Page - STMicroelectronics STM32F102XB Datasheet HTML 74Page - STMicroelectronics STM32F102XB Datasheet HTML 75Page - STMicroelectronics STM32F102XB Datasheet HTML 76Page - STMicroelectronics STM32F102XB Datasheet HTML 77Page - STMicroelectronics STM32F102XB Datasheet HTML 78Page - STMicroelectronics STM32F102XB Datasheet HTML 79Page - STMicroelectronics STM32F102XB Datasheet HTML 80Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 79 / 80 page
background image
DocID15056 Rev 5
79/80
STM32F102x8, STM32F102xB
Revision history
79
02-Aug-2013
5
Removed sentence in “Unless otherwise specified the parameters ...” in
I2C interface characteristics section.
Added VIN in Table 8: General operating conditions
Added note 5. in Table 23: HSI oscillator characteristics
Modified charge device model in Table 33: ESD absolute maximum
ratings
Updated ‘VIL’ and ‘VIH’ in Table 34: I/O static characteristics
Added notes to Figure 20: Standard I/O input characteristics - CMOS
port, Figure 21: Standard I/O input characteristics - TTL port, Figure 22:
5 V tolerant I/O input characteristics - CMOS port and Figure 23: 5 V
tolerant I/O input characteristics - TTL port
Updated Figure 24: I/O AC characteristics definition
Updated note 2. and 3. in Table 39: I2C characteristics
Updated Figure 26: I2C bus AC waveforms and measurement circuit(1)
Updated title of Table 40: SCL frequency (fPCLK1= 36 MHz, VDD_I2C =
3.3 V)
Updated Table 47: ADC characteristics
Updated Section 6.1: Package mechanical data
Table 54. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com