Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP11NM65N Datasheet(PDF) 20 Page - STMicroelectronics

Part # STP11NM65N
Description  N-channel 650 V, 0.425 Ω typ., 11 A MDmesh™II Power MOSFET in DPAK, TO-220FP, I²PAKFP and TO-220 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM65N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STP11NM65N Datasheet HTML 13Page - STMicroelectronics STP11NM65N Datasheet HTML 14Page - STMicroelectronics STP11NM65N Datasheet HTML 15Page - STMicroelectronics STP11NM65N Datasheet HTML 16Page - STMicroelectronics STP11NM65N Datasheet HTML 17Page - STMicroelectronics STP11NM65N Datasheet HTML 18Page - STMicroelectronics STP11NM65N Datasheet HTML 19Page - STMicroelectronics STP11NM65N Datasheet HTML 20Page - STMicroelectronics STP11NM65N Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
STD11NM65N, STF11NM65N, STFI11NM65N, STP11NM65N
20/21
Doc ID 13476 Rev 4
6
Revision history
Table 13. Document revision history
Date
Revision
Changes
01-Jun-2007
1
First release.
03-Oct-2007
2
Added device in D
2
PAK and updated
Figure 12: Capacitance
variations
20-Jul-2012
3
Document status promoted from preliminary to production data.
Updated
Section 4: Package mechanical data and Section 5:
Packaging mechanical data.
Minor text changes.
15-Jul-2013
4
Updated
Table 1: Device summary and Section 4: Package
mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com