Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/SP Datasheet(PDF) 268 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/SP Datasheet(HTML) 268 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/SP Datasheet HTML 264Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 265Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 266Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 267Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 268Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 269Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 270Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 271Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 272Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 268
Preliminary
 2009 Microchip Technology Inc.
REGISTER 22-2:
DAC1STAT: DAC STATUS REGISTER
R/W-0
U-0
R/W-0
U-0
U-0
R/W-0
R-0
R-0
LOEN
—LMVOEN
—
—LITYPE
LFULL
LEMPTY
bit 15
bit 8
R/W-0
U-0
R/W-0
U-0
U-0
R/W-0
R-0
R-0
ROEN
—RMVOEN
—
—
RITYPE
RFULL
REMPTY
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
LOEN: Left Channel DAC output enable
1
= Positive and negative DAC outputs are enabled.
0
= DAC outputs are disabled.
bit 14
Unimplemented: Read as ‘0’
bit 13
LMVOEN: Left Channel Midpoint DAC output voltage enable
1
= Midpoint DAC output is enabled.
0
= Midpoint output is disabled.
bit 12-11
Unimplemented: Read as ‘0’
bit 10
LITYPE: Left Channel Type of Interrupt
1
= Interrupt if FIFO is EMPTY.
0
= Interrupt if FIFO is NOT FULL.
bit 9
LFULL: Status, Left Channel Data input FIFO is FULL
1
= FIFO is Full.
0
= FIFO is not full.
bit 8
LEMPTY: Status, Left Channel Data input FIFO is EMPTY
1
= FIFO is Empty.
0
= FIFO is not Empty.
bit 7
ROEN: Right Channel DAC output enable
1
= Positive and negative DAC outputs are enabled.
0
= DAC outputs are disabled.
bit 6
Unimplemented: Read as ‘0’
bit 5
RMVOEN: Right Channel Midpoint DAC output voltage enable
1
= Midpoint DAC output is enabled.
0
= Midpoint output is disabled.
bit 4-3
Unimplemented: Read as ‘0’
bit 2
RITYPE: Right Channel Type of Interrupt
1
= Interrupt if FIFO is EMPTY.
0
= Interrupt if FIFO is NOT FULL.
bit 1
RFULL: Status, Right Channel Data input FIFO is FULL
1
=
FIFO is Full.
0
=
FIFO is not full.
bit 0
REMPTY: Status, Right Channel Data input FIFO is EMPTY
1
= FIFO is Empty.
0
= FIFO is not Empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com