Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/SP Datasheet(PDF) 163 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/SP Datasheet(HTML) 163 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/SP Datasheet HTML 159Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 160Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 161Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 162Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 163Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 164Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 165Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 166Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 163
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
11.6.2.2
Output Mapping
In contrast to inputs, the outputs of the peripheral pin
select options are mapped on the basis of the pin. In
this case, a control register associated with a particular
pin dictates the peripheral output to be mapped. The
RPORx registers are used to control output mapping.
Like the RPINRx registers, each register contains sets
of 5-bit fields, with each set associated with one RPn
pin (see Register 11-17 through Register 11-29). The
value of the bit field corresponds to one of the
peripherals, and that peripheral’s output is mapped to
the pin (see Table 11-2 and Figure 11-3).
The list of peripherals for output mapping also includes
a null value of ‘00000’
because of the mapping
technique. This permits any given pin to remain
unconnected from the output of any of the pin
selectable peripherals.
FIGURE 11-3:
MULTIPLEXING OF
REMAPPABLE OUTPUT
FOR RPn
TABLE 11-2:
OUTPUT SELECTION FOR REMAPPABLE PIN (RPn)
0
21
3
RPnR<4:0>
default
U1TX Output enable
U1RTS Output enable 4
OC4 Output
0
21
3
default
U1TX Output
U1RTS Output 4
OC4 Output
Output Enable
Output Data
RPn
Function
RPnR<4:0>
Output Name
NULL
00000
RPn tied to default port pin
C1OUT
00001
RPn tied to Comparator1 Output
C2OUT
00010
RPn tied to Comparator2 Output
U1TX
00011
RPn tied to UART1 Transmit
U1RTS
00100
RPn tied to UART1 Ready To Send
U2TX
00101
RPn tied to UART2 Transmit
U2RTS
00110
RPn tied to UART2 Ready To Send
SDO1
00111
RPn tied to SPI1 Data Output
SCK1
01000
RPn tied to SPI1 Clock Output
SS1
01001
RPn tied to SPI1 Slave Select Output
SDO2
01010
RPn tied to SPI2 Data Output
SCK2
01011
RPn tied to SPI2 Clock Output
SS2
01100
RPn tied to SPI2 Slave Select Output
CSDO
01101
RPn tied to DCI Serial Data Output
CSCK
01110
RPn tied to DCI Serial Clock Output
COFS
01111
RPn tied to DCI Frame Sync Output
C1TX
10000
RPn tied to ECAN1 Transmit
OC1
10010
RPn tied to Output Compare 1
OC2
10011
RPn tied to Output Compare 2
OC3
10100
RPn tied to Output Compare 3
OC4
10101
RPn tied to Output Compare 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com