Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340D Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MC68340D
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340D Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC68340D Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
2- 5
last falling edge of the clock for that bus cycle. For a write cycle, all 16 bits of the data bus
are driven, regardless of the port width or operand size. The MC68340 places the data on
the data bus approximately one-half clock cycle after
AS is asserted in a write cycle.
2.4 FUNCTION CODES (FC3–FC0)
These signals are outputs that indicate one of 16 address spaces to which the address
applies. Fifteen of these spaces are designated as either user or supervisor, program or
data, and normal or direct memory access (DMA) spaces. One other address space is
designated as CPU space to allow the CPU32 to acquire specific control information not
normally associated with read or write bus cycles. The function code signals are valid
while
AS is asserted. See Table 2-2 for more information.
Table 2-2. Address Space Encoding
Function Code Bits
3210
Address Spaces
0000
Reserved (Motorola)
0001
User Data Space
0010
User Program Space
0011
Reserved (User )
0100
Reserved (Motorola)
0101
Supervisor Data Space
0110
Supervisor Program Space
0111
CPU Space
1
x
x
x
DMA Space
2.5 CHIP SELECTS
(CS3–CS0)
These pins can be programmed to be chip select output signals, port B parallel I/O and
autovector input, or additional interrupt request lines. Refer to Section 4 System
Integration Module for more information on these signals.
CS3– CS0
The chip select output signals enable peripherals at programmed addresses. These
signals are inactive high (not high impedance) after reset.
CS0 is the chip select for a
boot ROM containing the reset vector and initialization program. It functions as the boot
chip select immediately after reset.
IRQ4, IRQ2, IRQ1
Interrupt request lines are external interrupt lines to the CPU32. These additional
interrupt request lines are selected by the FIRQ bit in the module configuration register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com