Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340D Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MC68340D
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340D Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MC68340D Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68340D Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 441 page
background image
3- 16
MC68340 USER’S MANUAL
MOTOROLA
3.3 DATA TRANSFER CYCLES
The transfer of data between the MC68340 and other devices involves the following
signals:
• Address Bus A31–A0
• Data Bus D15–D0
• Control Signals
The address bus and data bus are parallel, nonmultiplexed buses. The bus master moves
data on the bus by issuing control signals, and the bus uses a handshake protocol to
ensure correct movement of the data. In all bus cycles, the bus master is responsible for
de-skewing all signals it issues at both the start and end of the cycle. In addition, the bus
master is responsible for de-skewing the acknowledge and data signals from the slave
devices. The following paragraphs define read, write, and read-modify-write cycle
operations. Each bus cycle is defined as a succession of states that apply to the bus
operation. These states are different from the MC68340 states described for the CPU32.
The clock cycles used in the descriptions and timing diagrams of data transfer cycles are
independent of the clock frequency. Bus operations are described in terms of external bus
states.
3.3.1 Read Cycle
During a read cycle, the MC68340 receives data from a memory or peripheral device. If
the instruction specifies a long-word or word operation, the MC68340 attempts to read two
bytes at once. For a byte operation, the MC68340 reads one byte. The section of the data
bus from which each byte is read depends on the operand size, address signal A0, and
the port size. Refer to 3.2.1 Dynamic Bus Sizing and 3.2.2 Misaligned Operands for
more information. Figure 3-7 is a flowchart of a word read cycle.
BUS MASTER
SLAVE
ADDRESS DEVICE
1. SET R/W TO READ
2. DRIVE ADDRESS ON A31–A0
3. DRIVE FUNCTION CODE ON FC3–FC0
4. DRIVE SIZE PINS FOR OPERAND SIZE
ACQUIRE DATA
1. LATCH DATA
5. ASSERT AS AND DS
START NEXT CYCLE
2. NEGATE AS AND DS
1. DECODE ADDRESS
2. PLACE DATA ON D15–D0
PRESENT DATA
3. DRIVE DSACKx SIGNALS
TERMINATE CYCLE
1. REMOVE DATA FROM D15–D0
2. NEGATE DSACKx
Figure 3-7. Word Read Cycle Flowchart
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com