Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC--12 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # TC--12
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TC--12 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button TC--12 Datasheet HTML 15Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 16Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 17Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 18Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 19Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 20Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 21Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 22Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 23Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
RF Device Data
Freescale Semiconductor, Inc.
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
PRODUCT DOCUMENTATION AND SOFTWARE
Refer to the following documents and software to aid your design process.
Application Notes
 AN1955: Thermal Measurement Methodology of RF Power Amplifiers
Engineering Bulletins
 EB212: Using Data Sheet Impedances for RF LDMOS Devices
Software
 Electromigration MTTF Calculator
 RF High Power Model
 .s2p File
For Software, do a Part Number search at http://www.freescale.com, and select the “Part Number” link. Go to the
Software & Tools tab on the part’s Product Summary page to download the respective tool.
REVISION HISTORY
The following table summarizes revisions to this document.
Revision
Date
Description
0
Nov. 2010
 Initial Release of Data Sheet
1
Jan. 2011
 Fig. 1, Pin Connections, corrected pin 4 label from RFout/VGS to RFin/VGS,p.1
2
May 2012
 Added Application Circuits Typical Performance table, p. 1
 Capable of Handling VSWR bullet: corrected 1250 Peak Output Power value to 1500 and converted to table,
p. 1, 3
 Table 1, Max Ratings: final DC test specification for Drain--Source Voltage changed from +125 to +133 Vdc,
p. 2
 Table 3, ESD Protection Characteristics: added the device’s ESD passing level as applicable to each ESD
class, p. 2
 Table 4, Off Characteristics: final DC test specification for Drain--Source Breakdown Voltage minimum value
changed from 125 to 133 Vdc, p. 2
 Table 4, On Characteristics: added Forward Transconductance, p. 2
 Fig. 10, MTTF versus Junction Temperature -- CW: MTTF end temperature on graph changed to match
maximum operating junction temperature, p. 7
 Added Fig. 12, Source and Load Impedances Optimized for IRL, Power and Efficiency — Push--pull, p. 8
 Added Fig. 13, 87.5--108 MHz FM Broadcast Reference Circuit Component Layout, p. 9
 Added Table 9, 87.5--108 MHz FM Broadcast Reference Circuit Component Designations and Values, p. 9
 Added Fig. 14, 87.5--108 MHz FM Broadband Reference Circuit Schematic, p. 10
 Added Fig. 15, Power Gain and Drain Efficiency versus Output Power (87.5--108 MHz), p. 11
 Added Fig. 16, Series Equivalent 87.5--108 MHz FM Broadcast Reference Circuit Source and Load
Impedance, p. 11
 Added Fig. 17, 144--148 MHz Reference Circuit Component Layout, p. 12
 Added Table 9, 144--148 MHz Reference Circuit Component Designations and Values, p. 12
 Added Fig. 18, 144--148 MHz Reference Circuit Schematic, p. 13
 Added Fig. 19, Series Equivalent 144--148 MHz Reference Circuit Source and Load Impedance, p. 14
 Added Fig. 20, Power Gain and Drain Efficiency versus Output Power (144--148 MHz), p. 14
 Added Fig. 21, Intermodulation Distortion Products versus Output Power (144--148 MHz), p. 14
 Added Fig. 22, 144 MHz Harmonics @ 1 kW, p. 15
3
Oct. 2012
 Added part number MRFE6VP61K25GSR5, p. 1
 Added 2282--02 (NI--1230S--4 Gull) package isometric, p. 1, and Mechanical Outline, p. 20, 21
4
Mar. 2013
 MRFE6VP61K25HR6 tape and reel option replaced with MRF6VP61K25HR5 per PCN15551.
 Replaced Case Outline 98ASB16977C, Issue E with Issue F, p. 16, 17. Changed dimension C from
0.150--0.200 to CC 0.170--0.190.
 Replaced Case Outline 98ARB18247C, Issue F with Issue G, p. 18, 19. Changed dimension C from
0.150--0.200 to CC 0.170--0.190. Added minimum Z dimension R0.00.
 Replaced Case Outline 98ASA00459D, Issue O with Issue A, p. 20, 21. Changed dimension C from
0.150--0.200 to CC 0.170--0.190. Corrected positional tolerance for dimension S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com