Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC--12 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # TC--12
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TC--12 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  TC--12 Datasheet HTML 1Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 2Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 3Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 4Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 5Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 6Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 7Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 8Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
3
RF Device Data
Freescale Semiconductor, Inc.
Table 4. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (1) (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 100 mA, Pout = 1250 W Peak (250 W Avg.),
f = 230 MHz, 100 sec Pulse Width, 20% Duty Cycle
Power Gain
Gps
23.0
24.0
26.0
dB
Drain Efficiency
D
72.5
74.0
—
%
Input Return Loss
IRL
—
--14
--10
dB
Table 5. Load Mismatch/Ruggedness (In Freescale Test Fixture, 50 ohm system) IDQ = 100 mA
Frequency
(MHz)
Signal Type
VSWR
Pout
(W)
Test Voltage, VDD
Result
230
Pulse
(100 sec, 20% Duty Cycle)
>65:1 at all
Phase Angles
1500 Peak
(3 dB Overdrive)
50
No Device Degradation
1. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull
wing (GS) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com