Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD166105GS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD166105GS
Description  MOS INTEGRATED CIRCUIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166105GS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD166105GS Datasheet HTML 9Page - Renesas Technology Corp UPD166105GS Datasheet HTML 10Page - Renesas Technology Corp UPD166105GS Datasheet HTML 11Page - Renesas Technology Corp UPD166105GS Datasheet HTML 12Page - Renesas Technology Corp UPD166105GS Datasheet HTML 13Page - Renesas Technology Corp UPD166105GS Datasheet HTML 14Page - Renesas Technology Corp UPD166105GS Datasheet HTML 15Page - Renesas Technology Corp UPD166105GS Datasheet HTML 16Page - Renesas Technology Corp UPD166105GS Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PD166105GS
R07DS0604EJ0100 Rev.1.00
Page 13 of 15
Jan 19, 2012
Package Drawing
20-Pin Plastic SOP (7.62 mm (300))
0.10 S
3°
detail of lead end
0.12
1.27
M
+0.08
–0.07
+7°
–3°
+0.08
–0.07
0.78 MAX.
0.6±0.2
0.22
0.42
1.8 MAX.
1.55±0.05
5.6±0.2
7.7±0.3
1.1
110
11
20
0.1±0.1
12.7±0.3
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com