Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD166105GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD166105GS
Description  MOS INTEGRATED CIRCUIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166105GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD166105GS Datasheet HTML 1Page - Renesas Technology Corp UPD166105GS Datasheet HTML 2Page - Renesas Technology Corp UPD166105GS Datasheet HTML 3Page - Renesas Technology Corp UPD166105GS Datasheet HTML 4Page - Renesas Technology Corp UPD166105GS Datasheet HTML 5Page - Renesas Technology Corp UPD166105GS Datasheet HTML 6Page - Renesas Technology Corp UPD166105GS Datasheet HTML 7Page - Renesas Technology Corp UPD166105GS Datasheet HTML 8Page - Renesas Technology Corp UPD166105GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PD166105GS
R07DS0604EJ0100 Rev.1.00
Page 3 of 15
Jan 19, 2012
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise specified)
Item
Symbol
Rating
Unit
Condition
Input voltage
VIN
–1.5 to +7.0
V
VCC1
–0.5 to +18
V
DC
VCC2
24
V
60 s
Power supply voltage
VCC3
35
V
1 s
Output voltage
VOUT
100
V
Except the clamping voltage at the flyback time
Output current
IO(DC)
SELF LIMITED
A/ch
VIN = 5 V, DC
DIAG output voltage
VDIAG
7
V
DIAG output current
IDIAG
20
mA
Power dissipation
PD
2.4
W
Ta = 25°C, both channels are ON
Note
Channel temperature
Tch
–40 to +175
°C
Storage temperature
Tstg
–55 to +175
°C
Note:
When mounted on 50 mm
 50 mm  1.6 mm epoxy PCB FR4 substrate with 600 mm2  70 m copper foil.
Caution: Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameters.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering
physical damage, and therefore the product must be used under conditions that ensure that the absolute
maximum ratings are not exceeded.
The ratings and conditions indicated for DC characteristics and AC characteristics represent the quality
assurance range during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com