Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5604E Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC5604E
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604E Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC5604E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
Electrical characteristics
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
53
Figure 20. Nexus TDI, TMS, TDO Timing
3.18.4
GPIO timing
The GPIO specifications for setup time and output valid relative to CLKOUT are the same for all pins on the device regardless
of the primary pin function.
Table 29. GPIO Timing
No.
Symbol
Characteristic
Min.
Max.
Unit
1tREAD
GPIO Read Time
5
—
tCYC
2tWRITE
GPIO Write Time
6
—
tCYC
TDO
8
9
TMS, TDI
11
TCK
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com