Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7859ASZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7859ASZ
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7859ASZ Datasheet(HTML) 1 Page - Analog Devices

  AD7859ASZ Datasheet HTML 1Page - Analog Devices AD7859ASZ Datasheet HTML 2Page - Analog Devices AD7859ASZ Datasheet HTML 3Page - Analog Devices AD7859ASZ Datasheet HTML 4Page - Analog Devices AD7859ASZ Datasheet HTML 5Page - Analog Devices AD7859ASZ Datasheet HTML 6Page - Analog Devices AD7859ASZ Datasheet HTML 7Page - Analog Devices AD7859ASZ Datasheet HTML 8Page - Analog Devices AD7859ASZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FUNCTIONAL BLOCK DIAGRAM
2.5V
REFERENCE
CALIBRATION MEMORY
AND
CONTROLLER
PARALLEL INTERFACE/CONTROL REGISTER
I/P
MUX
CHARGE
REDISTRIBUTION
DAC
SAR + ADC
CONTROL
T/H
BUF
AIN1
AIN8
REFIN/
REFOUT
CREF1
CREF2
CAL
DVDD
DGND
CLKIN
CONVST
BUSY
SLEEP
AVDD
AGND
DB15 – DB0
RD
CS
WR
W/
B
AD7859/AD7859L
COMP
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
3 V to 5 V Single Supply, 200 kSPS
8-Channel, 12-Bit Sampling ADCs
AD7859/AD7859L
FEATURES
Specified for VDD of 3 V to 5.5 V
AD7859–200 kSPS; AD7859L–100 kSPS
System and Self-Calibration
Low Power
Normal Operation
AD7859: 15 mW (VDD = 3 V)
AD7859L: 5.5 mW (VDD = 3 V)
Using Automatic Power-Down After Conversion (25 W)
AD7859: 1.3 mW (VDD = 3 V 10 kSPS)
AD7859L: 650
W (VDD = 3 V 10 kSPS)
Flexible Parallel Interface:
16-Bit Parallel/8-Bit Parallel
44-Pin PQFP and PLCC Packages
APPLICATIONS
Battery-Powered Systems (Personal Digital Assistants,
Medical Instruments, Mobile Communications)
Pen Computers
Instrumentation and Control Systems
High Speed Modems
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
GENERAL DESCRIPTION
The AD7859/AD7859L are high speed, low power, 8-channel,
12-bit ADCs which operate from a single 3 V or 5 V power
supply, the AD7859 being optimized for speed and the
AD7859L for low power. The ADC contains self-calibration
and system calibration options to ensure accurate operation over
time and temperature and have a number of power-down
options for low power applications.
The AD7859 is capable of 200 kHz throughput rate while the
AD7859L is capable of 100 kHz throughput rate. The input
track-and-hold acquires a signal in 500 ns and features a pseudo-
differential sampling scheme. The AD7859 and AD7859L input
voltage range is 0 to VREF (unipolar) and –VREF/2 to +VREF/2
about VREF/2 (bipolar) with both straight binary and 2s comple-
ment output coding respectively. Input signal range is to the
supply and the part is capable of converting full-power signals to
100 kHz.
CMOS construction ensures low power dissipation of typically
5.4 mW for normal operation and 3.6
µW in power-down mode.
The part is available in 44-pin, plastic quad flatpack package
(PQFP) and plastic lead chip carrier (PLCC).
See page 28 for data sheet index.
PRODUCT HIGHLIGHTS
1. Operation with either 3 V or 5 V power supplies.
2. Flexible power management options including automatic
power-down after conversion.
3. By using the power management options a superior power
performance at slower throughput rates can be achieved.
AD7859: 1 mW typ @ 10 kSPS
AD7859L: 1 mW typ @ 20 kSPS
4. Operates with reference voltages from 1.2 V to the supply.
5. Analog input ranges from 0 V to VDD.
6. Self and system calibration.
7. Versatile parallel I/O port.
8. Lower power version AD7859L.


Similar Part No. - AD7859ASZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7859AS AD-AD7859AS Datasheet
535Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV.A
AD7859AS AD-AD7859AS Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859AS AD-AD7859AS Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859AS AD-AD7859AS Datasheet
450Kb / 29P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
23-Feb-2017
More results

Similar Description - AD7859ASZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7853 AD-AD7853 Datasheet
350Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV.B
AD7854 AD-AD7854 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV.B
AD7859 AD-AD7859 Datasheet
535Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV.A
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7859APZ AD-AD7859APZ Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854L AD-AD7854L_15 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859_17 Datasheet
450Kb / 29P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com