Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7859ASZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7859ASZ
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7859ASZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7859ASZ Datasheet HTML 6Page - Analog Devices AD7859ASZ Datasheet HTML 7Page - Analog Devices AD7859ASZ Datasheet HTML 8Page - Analog Devices AD7859ASZ Datasheet HTML 9Page - Analog Devices AD7859ASZ Datasheet HTML 10Page - Analog Devices AD7859ASZ Datasheet HTML 11Page - Analog Devices AD7859ASZ Datasheet HTML 12Page - Analog Devices AD7859ASZ Datasheet HTML 13Page - Analog Devices AD7859ASZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7859/AD7859L
REV. A
–10–
Table IV. Calibration Selection
CALMD
CALSLT1
CALSLT0
Calibration Type
00
0
A full internal calibration is initiated. First the internal DAC is calibrated, then the
internal gain error and finally the internal offset error are removed. This is the default setting.
0
0
1
First the internal gain error is removed, then the internal offset error is removed.
0
1
0
The internal offset error only is calibrated out.
0
1
1
The internal gain error only is calibrated out.
10
0
A full system calibration is initiated. First the internal DAC is calibrated, followed by the
system gain error calibration, and finally the system offset error calibration.
1
0
1
First the system gain error is calibrated out, followed by the system offset error.
1
1
0
The system offset error only is removed.
1
1
1
The system gain error only is removed.
Table IIIa. Channel Selection for AD7859/AD7859L
Differential Sampling (SGL/DIFF = 0)
AMODE
CHSLT
AIN(+)*AIN(–)*
Bipolar or
2
1
0
Unipolar
0
0
0
0
AIN1
AIN2
Unipolar
0
0
0
1
AIN3
AIN4
Unipolar
0
0
1
0
AIN5
AIN6
Unipolar
0
0
1
1
AIN7
AIN8
Unipolar
0
1
x
x
x
x
Not Used
1
0
0
0
AIN1
AIN2
Bipolar
1
0
0
1
AIN3
AIN4
Bipolar
1
0
1
0
AIN5
AIN6
Bipolar
1
0
1
1
AIN7
AIN8
Bipolar
1
1
x
x
x
x
Not Used
*AIN(+) refers to the positive input seen by the AD7859/AD7859L sample-and-
hold circuitry.
AIN(–) refers to the negative input seen by the AD7859/AD7859L sample-and-
hold circuitry.
Table IIIb. Channel Selection for AD7859/AD7859L
Single-Ended Sampling (SGL/DIFF = 1)
AMODE
CHSLT
AIN(+)*AIN(–)*
Bipolar or
2
1
0
Unipolar
0
0
0
0
AIN1
AGND
Unipolar
0
0
0
1
AIN3
AGND
Unipolar
0
0
1
0
AIN5
AGND
Unipolar
0
0
1
1
AIN7
AGND
Unipolar
0
1
0
0
AIN2
AGND
Unipolar
0
1
0
1
AIN4
AGND
Unipolar
0
1
1
0
AIN6
AGND
Unipolar
0
1
1
1
AIN8
AGND
Unipolar
1
0
0
0
AIN1
AIN8
Unipolar
1
0
0
1
AIN3
AIN8
Unipolar
1
0
1
0
AIN5
AIN8
Unipolar
1
0
1
1
AIN7
AIN8
Unipolar
1
1
0
0
AIN2
AIN8
Unipolar
1
1
0
1
AIN4
AIN8
Unipolar
1
1
1
0
AIN6
AIN8
Unipolar
1
1
1
1
AIN8
AIN8
Unipolar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com