Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX992ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX992ESA
Description  High-Speed, Micropower, Low-Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX992ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX992ESA Datasheet HTML 5Page - Maxim Integrated Products MAX992ESA Datasheet HTML 6Page - Maxim Integrated Products MAX992ESA Datasheet HTML 7Page - Maxim Integrated Products MAX992ESA Datasheet HTML 8Page - Maxim Integrated Products MAX992ESA Datasheet HTML 9Page - Maxim Integrated Products MAX992ESA Datasheet HTML 10Page - Maxim Integrated Products MAX992ESA Datasheet HTML 11Page - Maxim Integrated Products MAX992ESA Datasheet HTML 12Page - Maxim Integrated Products MAX992ESA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
9
5) Calculate R2 as shown. For this example, choose an
8.2kΩ standard value:
6) Verify trip voltages and hysteresis as follows:
MAX988/MAX992/MAX996
The MAX988/MAX992/MAX996 have ±2.5mV internal
hysteresis. They have open-drain outputs and require
an external pullup resistor (Figure 2). Additional hys-
teresis can be generated using positive feedback, but
the formulas differ slightly from those of the
MAX987/MAX991/MAX995.
Use the following procedure to calculate resistor
values:
1) Select R3 according to the formulas R3 = VREF / 1µA
or R3 = (VREF - VCC) / 1µA - R4. Use the smaller of
the two resulting resistor values.
2) Choose the hysteresis band required (VHB). For this
example, choose 50mV.
3) Calculate R1 according to the following equation:
R1 = (R3 + R4) x (VHB / VCC)
4) Choose the trip point for VIN rising (VTHR; VTHF is
the trip point for VIN falling). This is the threshold
voltage at which the comparator switches its output
from low to high as VIN rises above the trip point.
5) Calculate R2 as follows:
6) Verify trip voltages and hysteresis as follows:
Circuit Layout and Bypassing
These comparators’ high-gain bandwidth requires
design precautions to maximize their high-speed capa-
bility. The recommended precautions are:
1) Use a PCB with an unbroken, low-inductance
ground plane.
2) Place a decoupling capacitor (a 0.1µF ceramic
capacitor is a good choice) as close to VCC as
possible.
3) On the inputs and outputs, keep lead lengths short
to avoid unwanted parasitic feedback around the
comparators.
4) Solder the devices directly to the PCB instead of
using a socket.
V
rising: V
= V
x R1 x
1
R1
V
falling
IN
THR
REF
IN
:
++
+
⎛
⎝
⎜
⎞
⎠
⎟
=
−
+
⎛
⎝
⎜
⎞
⎠
⎟
=
−
1
2
1
34
1
34
RR
R
VV
Rx V
RR
Hysteresis
V
V
THF
THR
CC
THR
THF
R2 =
1
V
V
THR
REF xR
R
R
R
1
1
1
1
34
⎛
⎝
⎜
⎞
⎠
⎟ −−
+
V
rising: V
= V
x R1 x
1
R1
V
falling
IN
THR
REF
IN
:
++
⎛
⎝
⎜
⎞
⎠
⎟
=
−
⎛
⎝
⎜
⎞
⎠
⎟
=
−
1
2
1
3
1
3
RR
VV
Rx V
R
Hysteresis
V
V
THF
THR
CC
THR
THF
R2 =
1
V
V
R2 =
1
3.0V
1.2 x 12k
THR
REF
.
.
xR
R
R
kM
k
1
1
1
1
3
1
12
1
22
803
⎛
⎝
⎜
⎞
⎠
⎟ −−
⎛
⎝
⎜
⎞
⎠
⎟ −−
=
ΩΩ
Ω
Ω
VEE
VCC
OUT
R3
R2
R1
R4
0.1µF
VREF
VIN
VCC
MAX988
MAX992
MAX996
Figure 2. Additional Hysteresis (MAX988/MAX992/MAX996)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com